Electronic Components Datasheet Search
  English  ▼

X  

MB89490 Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB89490
Description  8-bit Proprietary Microcontroller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89490 Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB89490 Datasheet HTML 35Page - fujitsu semiconductor MB89490 Datasheet HTML 36Page - fujitsu semiconductor MB89490 Datasheet HTML 37Page - fujitsu semiconductor MB89490 Datasheet HTML 38Page - fujitsu semiconductor MB89490 Datasheet HTML 39Page - fujitsu semiconductor MB89490 Datasheet HTML 40Page - fujitsu semiconductor MB89490 Datasheet HTML 41Page - fujitsu semiconductor MB89490 Datasheet HTML 42Page - fujitsu semiconductor MB89490 Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
39
MB89490 Series
(3) Notes on Using A/D Converter
• Input impedance of the analog input pins
The A/D converter used for the MB89490 series contains a sample and hold circuit as illustrated below to fetch
analog input voltage into the sample and hold capacitor for 16 instruction cycles after activation A/D conversion.
For this reason, if the output impedance of the external circuit for the analog input is high, analog input voltage
might not stabilize within the analog input sampling period. Therefore, it is recommended to keep the output
impedance of the external circuit low
.
Note that if the impedance cannot be kept low, it is recommended to connect an external capacitor of about
0.1
µF for the analog input pin.
MB89F499
MB89PV490/MB89497/MB89498
R: analog input equivalent resistance
2.4 k
Ω
2.4 k
Ω
C: analog input equivalent capacitance
52 pF
53 pF
Analog input pin
Sample hold circuit
Comparator
R
C
Analog channel selector
Close for 16 instruction cycles after
activating A/D conversion.
If the analog input
impedance is higher
than 10 k
Ω, it is
recommended to
connect an external
capacitor of approx.
0.1
µF.
Analog Input Circuit Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com