Electronic Components Datasheet Search
  English  ▼

X  

MB89490 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB89490
Description  8-bit Proprietary Microcontroller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89490 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB89490 Datasheet HTML 17Page - fujitsu semiconductor MB89490 Datasheet HTML 18Page - fujitsu semiconductor MB89490 Datasheet HTML 19Page - fujitsu semiconductor MB89490 Datasheet HTML 20Page - fujitsu semiconductor MB89490 Datasheet HTML 21Page - fujitsu semiconductor MB89490 Datasheet HTML 22Page - fujitsu semiconductor MB89490 Datasheet HTML 23Page - fujitsu semiconductor MB89490 Datasheet HTML 24Page - fujitsu semiconductor MB89490 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
21
MB89490 Series
■ I/O MAP
(Continued)
Address
Register name
Register description
Read/Write
Initial value
00H
PDR0
Port 0 data register
R/W
XXXXXXXXB
01H
DDR0
Port 0 data direction register
W*
00000000B
02H
PDR1
Port 1 data register
R/W
XXXXXXXXB
03H
DDR1
Port 1 data direction register
W*
00000000B
04H
PDR2
Port 2 data register
R/W
00000000B
05H
(Reserved)
06H
DDR2
Port 2 data direction register
R/W
00000000B
07H
SYCC
System clock control register
R/W
X-1MM100B
08H
STBC
Standby control register
R/W
00010XXXB
09H
WDTC
Watchdog timer control register
W*
0---XXXXB
0AH
TBTC
Timebase timer control register
R/W
00---000B
0BH
WPCR
Watch prescaler control register
R/W
00--0000B
0CH
PDR3
Port 3 data register
R/W
XXXXXXXXB
0DH
DDR3
Port 3 data direction register
R/W
00000000B
0EH
RSFR
Reset flag register
R
XXXX----B
0FH
PDR4
Port 4 data register
R/W
11111111B
10H
PDR5
Port 5 data register
R/W
---XXXXXB
11H
DDR5
Port 5 data direction register
R/W
---00000B
12H
PDR6
Port 6 data register
R/W
XXXXXXXXB
13H
DDR6
Port 6 data direction register
R/W
00000000B
14H
PDR7
Port 7 data register
R/W
XXXXXXXXB
15H
DDR7
Port 7 data direction register
R/W
00000000B
16H
PDR8
Port 8 data register
R/W
---XXXXXB
17H
DDR8
Port 8 data direction register
R/W
---00000B
18H
EIC0
External interrupt 0 control register 0
R/W
00000000B
19H
EIC1
External interrupt 0 control register 1
R/W
00000000B
1AH
EIC2
External interrupt 0 control register 2
R/W
00000000B
1BH
EIC3
External interrupt 0 control register 3
R/W
00000000B
1CH
EIE1
External interrupt 1 enable register
R/W
00000000B
1DH
EIF1
External interrupt 1 flag register
R/W
-------0B
1EH
SMR
Serial mode register
R/W
00000000B
1FH
SDR
Serial data register
R/W
XXXXXXXXB
20H
T01CR
Timer 01 control register
R/W
000000X0B
21H
T00CR
Timer 00 control register
R/W
000000X0B
22H
T01DR
Timer 01 data register
R/W
XXXXXXXXB
23H
T00DR
Timer 00 data register
R/W
XXXXXXXXB
24H
T11CR
Timer 11 control register
R/W
000000X0B
25H
T10CR
Timer 10 control register
R/W
000000X0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com