Electronic Components Datasheet Search
  English  ▼

X  

MB89490 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB89490
Description  8-bit Proprietary Microcontroller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89490 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB89490 Datasheet HTML 1Page - fujitsu semiconductor MB89490 Datasheet HTML 2Page - fujitsu semiconductor MB89490 Datasheet HTML 3Page - fujitsu semiconductor MB89490 Datasheet HTML 4Page - fujitsu semiconductor MB89490 Datasheet HTML 5Page - fujitsu semiconductor MB89490 Datasheet HTML 6Page - fujitsu semiconductor MB89490 Datasheet HTML 7Page - fujitsu semiconductor MB89490 Datasheet HTML 8Page - fujitsu semiconductor MB89490 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
3
MB89490 Series
*1 : I2C is complied to Philips I2C specification.
MB89497
MB89498
MB89F499
MB89PV490
CPU functions
Number of instructions
: 136
Instruction bit length
: 8 bits
Instruction length
: 1 to 3 bytes
Data bit length
: 1, 8, 16 bits
Minimum execution time
: 0.32
µs/12.5 MHz
Minimum interrupt processing time
: 2.88
µs/12.5 MHz
Ports
I/O ports (CMOS)
: 56 pins
Input ports (CMOS)
: 2 pins
N-channel open drain I/O ports
: 8 pins
Total
: 66 pins
21-bit timebase
timer
Interrupt period (0.66 ms, 2.6 ms, 21.0 ms, 335.5 ms) at 12.5 MHz
Watchdog timer
Reset period (167.8 ms to 335.5 ms) at 12.5 MHz.
PWM timer 0,1
8-bit reload timer operation (supports square wave output, operating clock period: 1, 8, 16, 64
tinst,)
8-bit resolution PWM operation
8/16-bit timer/
counter 00, 01
Can be operated either as a 2-channel 8-bit timer/counter (timer 00 and timer 01, each with its
own independent operating clock cycle), or as one 16-bit timer/counter
In timer 00 or 16-bit timer/counter operation, event counter operation (external clock-triggered)
and square wave output capability
8/16-bit timer/
counter 10, 11
Can be operated either as a 2-channel 8-bit timer/counter (timer 10 and timer 11, each with its
own independent operating clock cycle), or as one 16-bit timer/counter
In timer 10 or 16-bit timer/counter operation, event counter operation (external clock-triggered)
and square wave output capability
External interrupt 0
(edge)
8 independent channels (selectable edge, interrupt vector, request flag)
External interrupt 1
(level)
8 channels (low level interrupt)
A/D converter
10-bit resolution
× 8 channels
A/D conversion function (conversion time: 38 tinst )
Supports repeated activation by internal clock
LCD controller/driver
Common output
: 4 (max.)
Segment output
: 32 (max.)
Bias power supply pins
: 3
LCD display RAM size
: 32
× 4 bits
UART/SIO
Synchronous/asynchronous data transfer capability
(Max. baud rate: 97.656 Kbps at 12.5 MHz)
(7 and 8 bits with parity bit; 8 and 9 bits without parity bit)
SIO
8-bit serial I/O with LSB first/MSB first selectability
One clock selectable from four operation clock (one external shift clock, three internal shift
clock: 0.64
µs, 2.56µs, 10.24µs at 12.5MHz)
I2C*1
1 channel
Use a 2-wire protocol to communicate with other device
Remote receiver
Selectable maximum noise width removal
Reversible input polarity
Standby mode
Sleep mode, stop mode, watch mode, sub-clock mode
Process
CMOS
Operating voltage
2.2V ~ 3.6V
2.7V ~ 3.6V
2.7V ~ 3.6V
Part number
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com