Electronic Components Datasheet Search
  English  ▼

X  

MB89490 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB89490
Description  8-bit Proprietary Microcontroller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89490 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB89490 Datasheet HTML 9Page - fujitsu semiconductor MB89490 Datasheet HTML 10Page - fujitsu semiconductor MB89490 Datasheet HTML 11Page - fujitsu semiconductor MB89490 Datasheet HTML 12Page - fujitsu semiconductor MB89490 Datasheet HTML 13Page - fujitsu semiconductor MB89490 Datasheet HTML 14Page - fujitsu semiconductor MB89490 Datasheet HTML 15Page - fujitsu semiconductor MB89490 Datasheet HTML 16Page - fujitsu semiconductor MB89490 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
13
MB89490 Series
■ PROGRAMMING AND ERASING FLASH MEMORY ON THE MB89F499
1. Flash Memory
The flash memory is located between 1000H and FFFFH in the CPU memory map and incorporates a flash
memory interface circuit that allows read access and program access from the CPU to be performed in the same
way as mask ROM. Programming and erasing flash memory is also performed via the flash memory interface
circuit by executing instructions in the CPU. This enables the flash memory to be updated in place under the
control of the CPU, providing an efficient method of updating program and data.
2. Flash Memory Features
• 60 K byte
× 8-bit configuration (16 K + 8 K + 8 K + 28 K sectors)
• Automatic programming algorithm (Embedded algorithm* : Equivalent to MBM29LV200)
• Includes an erase pause and restart function
• Data polling and toggle bit for detection of program/erase completion
• Detection of program/erase completion via CPU interrupt
• Compatible with JEDEC-standard commands
• Sector Protection (sectors can be combined in any combination)
• No. of program/erase cycles : 10,000 (Min)
*: Embedded Algorithm is a trademark of Advanced Micro Devices.
3. Procedure for Programming and Erasing Flash Memory
Programming and reading flash memory cannot be performed at the same time. Accordingly, to program or
erase flash memory, the program must first be copied from flash memory to RAM so that programming can be
performed without program access from flash memory.
4. Flash Memory Register
• Control status register (FMCS)
5. Sector Configuration
The table below shows the sector configuration of flash memory and lists the addresses of each sector for both
during CPU access a flash memory programming.
• Sector configuration of flash memory
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Initial value
007AH
INTE
RDYINT
WE
RDY
Reserved Reserved
—
Reserved
000X00-0B
R/W
R/W
R/W
R
R/W
R/W
—
R/W
Flash Memory
CPU Address
Programmer Address*
16 K bytes
FFFFH to C000H
1FFFFH to 1C000H
8 K bytes
BFFFH to A000H
1BFFFH to 1A000H
8 K bytes
9FFFH to 8000H
19FFFH to 18000H
28 K bytes
7FFFH to 1000H
17FFFH to 11000H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com