Electronic Components Datasheet Search
  English  ▼

X  

AMC7823IRTAT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823IRTAT
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823IRTAT Datasheet(HTML) 39 Page - Texas Instruments

Back Button AMC7823IRTAT Datasheet HTML 35Page - Texas Instruments AMC7823IRTAT Datasheet HTML 36Page - Texas Instruments AMC7823IRTAT Datasheet HTML 37Page - Texas Instruments AMC7823IRTAT Datasheet HTML 38Page - Texas Instruments AMC7823IRTAT Datasheet HTML 39Page - Texas Instruments AMC7823IRTAT Datasheet HTML 40Page - Texas Instruments AMC7823IRTAT Datasheet HTML 41Page - Texas Instruments AMC7823IRTAT Datasheet HTML 42Page - Texas Instruments AMC7823IRTAT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
www.ti.com
DAC Configuration Register (Read/Write)
Load DAC Register (Read/Write)
AMC7823
SLAS453A – APRIL 2005 – REVISED OCTOBER 2005
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MSB
LSB
SLDA7
SLDA6
SLDA5
SLDA4
SLDA3
SLDA2
SLDA1
SLDA0
GDAC7
GDAC6
GDAC5
GDAC4
GDAC3
GDAC2
GDAC1
GDAC0
SLDA-n
DAC Synchronous Load Enable bit.
SLDA-n = 1: Synchronous Load enabled. When the synchronous load DAC signal occurs, DAC-n
Latch is loaded with the value of the corresponding DAC-n Data Register, and the output of
DAC-n is updated immediately. This load signal can be the rising edge of the external signal
ELDAC or the internal load signal ILDAC. Writing the data word 0xBB00 into the LOAD DAC
Register generates ILDAC. A write command to the DAC-n Data Register updates that register
only, and does not change the DAC-n output.
SLDA-n = 0: Asynchronous Load enabled. A write command to the DAC-n Data Register
immediately updates DAC-n Latch and the output of DAC-n. The synchronous load DAC signal
(ILDAC or ELDAC) does not affect DAC-n.
GDAC-n
DAC-n Output Buffer Amplifier Gain bit.
GDAC-n = 1: The gain of the DAC-n output buffer amplifier is equal to 2.
GDAC-n = 0: The gain of the DAC-n output buffer amplifier is equal to 1.
The combination of the bit GDAC-n and the reference voltage (internal or external) sets the full-scale range of
each DAC-n.
Table 11 describes the full-scale DAC output range as a function of bits SREF, GREF and GDAC-n.
Table 11. Full-Scale DAC Output Range
OUTPUT RANGE
SREF
GREF
GDAC-n
REFERENCE
AVDD = 3 V
AVDD = 5 V
0
0
0
Internal 1.25 V
0 V to 1.25 V
0 V to 1.25 V
0
0
1
Internal 1.25 V
0 V to 2.50 V
0 V to 2.50 V
0
1
0
Internal 2.5 V
0 V to 2.50 V
0 V to 2.50 V
0
1
1
Internal 2.5 V
Saturated at 3 V
0 V to 5.00 V
Don't
0 V to External VREF,
0 V to External VREF,
1
0
External VREF
care
External VREF ≤ AVDD
External VREF ≤ AVDD
Don't
0 V to External VREF × 2
0 V to External VREF × 2
1
1
External VREF
care
2
× External V
REF ≤ AVDD
2
× External V
REF ≤ AVDD
When an external reference is applied, the full-scale output range of DAC-n is equal to VREF for GDAC = 0, and
equal to 2 x VREF for GDAC-n = 1.
To avoid saturation, the full-scale output range of DAC-n must not be greater than AVDD. After power-on or reset,
all bits are cleared to '0'.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MSB
LSB
1
0
1
1
1
0
1
1
0
0
0
0
0
0
0
0
The data word 0xBB00 (shown above) written into the LOAD DAC Register generates ILDAC, the internal load
DAC signal. ILDAC and the external ELDAC signal work in a similar manner. ILDAC shifts data from the DAC-n
Data register to the DAC-n Latch and updates the output for all DAC-n with the corresponding SLDA-n bit set to
'1'. Other codes written to this register do not generate ILDAC and have no impact on any DAC-n. The LOAD
DAC Register is cleared after ILDAC is generated. The register is also cleared after power-on or reset.
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com