Electronic Components Datasheet Search
  English  ▼

X  

AMC7823IRTAT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823IRTAT
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823IRTAT Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC7823IRTAT Datasheet HTML 12Page - Texas Instruments AMC7823IRTAT Datasheet HTML 13Page - Texas Instruments AMC7823IRTAT Datasheet HTML 14Page - Texas Instruments AMC7823IRTAT Datasheet HTML 15Page - Texas Instruments AMC7823IRTAT Datasheet HTML 16Page - Texas Instruments AMC7823IRTAT Datasheet HTML 17Page - Texas Instruments AMC7823IRTAT Datasheet HTML 18Page - Texas Instruments AMC7823IRTAT Datasheet HTML 19Page - Texas Instruments AMC7823IRTAT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
www.ti.com
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
−60
−40
−20
0
20
40
60
80
100
Temperature (
_C)
External 2.5V Reference
AV
DD = 5V
Gain = +1
Gain = +2
−60
−40
−20
0
20
40
60
80
100
Temperature (
_C)
External 2.5V Reference
AV
DD = 5V
0.10
0.05
0
−0.05
−0.10
6.0
5.0
4.0
3.0
2.0
1.0
0
0
2
4
6
8
10
12
14
16
18
20
Sourcing or Sinking Current (mA)
Sourcing Current
Sinking Current
AV
DD = 5V
V
REF = 2.5V
Gain = +2
3.0
2.5
2.0
1.5
1.0
0.5
0
0
2
4
6
8
10
12
14
16
18
20
Sourcing or Sinking Current (mA)
Sourcing Current
Sinking Current
AV
DD = 2.7V
V
REF = 1.25V
Gain = +2
Input
Code 3932
Settling
Detail
C
L = 10pF
R
L= 10kΩ
V
REF = 2.5V
Code 256
Time (1
µs/div)
Input
Code 4095
Settling
Detail
Code 512
Time (1
µs/div)
C
L = 10pF
R
L= 10kΩ
V
REF = 2.5V
AMC7823
SLAS453A – APRIL 2005 – REVISED OCTOBER 2005
TYPICAL CHARACTERISTICS: DIGITAL-TO-ANALOG CONVERTER (DAC) (continued)
At +25
°C, AV
DD = DVDD = 5V, unless otherwise noted.
NORMALIZED OFFSET ERROR
NORMALIZED GAIN ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 27.
Figure 28.
VOUT vs
VOUT vs
SOURCING AND SINKING CURRENT
SOURCING AND SINKING CURRENT
Figure 29.
Figure 30.
DAC SETTLING TIME
DAC SETTLING TIME
(GAIN = +2)
(GAIN = +1)
Figure 31.
Figure 32.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com