Electronic Components Datasheet Search
  English  ▼

X  

AMC7823IRTAT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823IRTAT
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823IRTAT Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC7823IRTAT Datasheet HTML 9Page - Texas Instruments AMC7823IRTAT Datasheet HTML 10Page - Texas Instruments AMC7823IRTAT Datasheet HTML 11Page - Texas Instruments AMC7823IRTAT Datasheet HTML 12Page - Texas Instruments AMC7823IRTAT Datasheet HTML 13Page - Texas Instruments AMC7823IRTAT Datasheet HTML 14Page - Texas Instruments AMC7823IRTAT Datasheet HTML 15Page - Texas Instruments AMC7823IRTAT Datasheet HTML 16Page - Texas Instruments AMC7823IRTAT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
www.ti.com
4.0
3.0
2.0
1.0
0
−1.0
−2.0
−3.0
−4.0
−60
−40
−20
0
20
40
60
80
100
Temperature (
_C)
AV
DD = 5V
V
REF = 2.5V
Gain Error
Gain Error Match
1.0
0.8
0.6
0.4
0.2
0.0
−0.2
−0.4
−0.6
−0.8
−1.0
−60
−40
−20
0
20
40
60
80
100
Temperature (
_C)
Offset Error
Offset Error Match
AV
DD = 5V
V
REF = 2.5V
−50
−25
0
25
50
75
100
Temperature (
_C)
AV
DD = 2.7V
V
REF = 1.25V
4.0
3.0
2.0
1.0
0
−1.0
−2.0
−3.0
−4.0
Gain Error
Gain Error Match
AV
DD = 2.7V
V
REF = 1.25V
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
−50
−25
0
25
50
75
100
Temperature (
_C)
Offset Error
Offset Error Match
4.5
4.75
5.0
5.25
5.5
5V Supply Voltage (V)
1.0
0.8
0.6
0.4
0.2
0
Gain Match
Offset Match
V
REF = 2.5V
4.0
3.0
2.0
1.0
0
−1.0
−2.0
−3.0
−4.0
4.5
4.75
5.0
5.25
5.5
5V Supply Voltage (V)
Gain
Offset
V
REF = 2.5V
AMC7823
SLAS453A – APRIL 2005 – REVISED OCTOBER 2005
TYPICAL CHARACTERISTICS: ANALOG-TO-DIGITAL CONVERTER (ADC) (continued)
At +25
°C, AV
DD = DVDD = 5V, unless otherwise noted.
OFFSET ERROR AND OFFSET ERROR MATCH
GAIN ERROR AND GAIN ERROR MATCH
vs TEMPERATURE
vs TEMPERATURE
Figure 9.
Figure 10.
OFFSET ERROR AND OFFSET ERROR MATCH
GAIN ERROR AND GAIN ERROR MATCH
vs TEMPERATURE
vs TEMPERATURE
Figure 11.
Figure 12.
GAIN AND OFFSET ERROR
GAIN AND OFFSET ERROR MATCH
vs 5V SUPPLY
vs 5V SUPPLY
Figure 13.
Figure 14.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com