Electronic Components Datasheet Search
  English  ▼

X  

AMC7823IRTAT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823IRTAT
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823IRTAT Datasheet(HTML) 2 Page - Texas Instruments

  AMC7823IRTAT Datasheet HTML 1Page - Texas Instruments AMC7823IRTAT Datasheet HTML 2Page - Texas Instruments AMC7823IRTAT Datasheet HTML 3Page - Texas Instruments AMC7823IRTAT Datasheet HTML 4Page - Texas Instruments AMC7823IRTAT Datasheet HTML 5Page - Texas Instruments AMC7823IRTAT Datasheet HTML 6Page - Texas Instruments AMC7823IRTAT Datasheet HTML 7Page - Texas Instruments AMC7823IRTAT Datasheet HTML 8Page - Texas Instruments AMC7823IRTAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
AMC7823
SLAS453A – APRIL 2005 – REVISED OCTOBER 2005
The AMC7823 has an internal programmable reference (+2.5 V or +1.25 V), and an SPI serial interface. An
external reference can be used as well. Typical power dissipation is 100 mW. The analog input range is 0 V to
+5 V, and the analog output range is 0 V to +2.5 V or 0 V to +5 V. The AMC7823 is ideal for multichannel
applications where low power and small size are critical. The AMC7823 is available in a 40-lead QFN package
and is fully specified over the –40°C to +85°C temperature range.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE-
SPECIFIED
LEAD
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(DESIGNATOR)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
AMC7823
AMC7823IRTAT
Tape and Reel, 250
AMC7823
QFN-40 (RTA)
–40°C to 85°C
AMC7823
AMC7823IRTAR
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range unless otherwise noted((1))
AMC7823
UNIT
AVDD, DVDD, BVDD to GND
–0.3 to +6
V
Digital input voltage to GND
–0.3 to BVDD + 0.3
V
Analog input voltage to GND
–0.3 to AVDD + 0.3
V
Input current, continuous
±20
mA
Input current, momentary
±100
mA
Operating temperature range
–40 to +105
°C
Storage temperature range
–65 to +150
°C
Junction temperature range (TJ max)
+150
°C
Power dissipation
(TJ max – TA) / θJA
W
Thermal impedance,
θ
JC
15
°C/W
Thermal impedance,
θ
JA
60
°C/W
Lead temperature (soldering)
Vapor phase (60s)
+215
°C
Lead temperature (soldering)
Infrared (15s)
+220
°C
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com