Electronic Components Datasheet Search
  English  ▼

X  

IR2011SPBF Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IR2011SPBF
Description  High and Low Side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR2011SPBF Datasheet(HTML) 3 Page - Infineon Technologies AG

  IR2011SPBF Datasheet HTML 1Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 2Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 3Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 4Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 5Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 6Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 7Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 8Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IR2011(S)PBF
3
www.irf.com
© 2015 International Rectifier
April 14, 2015
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are
measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
-0.3
225
V
VS
High side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low side fixed supply voltage
-0.3
25
VLO
Low side output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage (HIN, LIN)
-0.3
VCC + 0.3
dVs/dt
Allowable offset supply voltage transient
—
50
V/ns
PD
Package power dissipation
@ TA ≤ +25°C
8-Lead PDIP
—
1.0
W
8-Lead SOIC
—
0.625
RthJA
Thermal resistance, junction to
ambient
8-Lead PDIP
—
125
°C/W
8-Lead SOIC
—
200
TJ
Junction temperature
—
150
°C
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions. The VS and COM offset
ratings are tested with all supplies biased at 15V differential.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply absolute voltage
VS + 10
VS + 20
V
VS
High side floating supply offset voltage
†
200
VHO
High side floating output voltage
VS
VB
VCC
Low side fixed supply voltage
10
20
VLO
Low side output voltage
0
VCC
VIN
Logic input voltage (HIN, LIN)
COM
5.5
TA
Ambient temperature
-40
125
°C
†
Logic operational for VS of -4 to +200V. Logic state held for VS of -4V to -VBS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com