Electronic Components Datasheet Search
  English  ▼

X  

IR2011SPBF Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IR2011SPBF
Description  High and Low Side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR2011SPBF Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IR2011SPBF Datasheet HTML 6Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 7Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 8Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 9Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 10Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 11Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 12Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 13Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
IR2011(S)PBF
10
www.irf.com
© 2015 International Rectifier
April 14, 2015
Figure 8A. Logic “1” Input Voltage vs. Temperature
Figure 8B. Logic “1” Input Voltage vs. Supply
Voltage
Figure 9A. Logic “0” Input Voltage vs. Temperature
Figure 9B. Logic “0” Input Voltage vs. Supply
Voltage
Figure 10A. High Level Output vs. Temperature
Figure 10B. High Level Output vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com