Electronic Components Datasheet Search
  English  ▼

X  

IR2011SPBF Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # IR2011SPBF
Description  High and Low Side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR2011SPBF Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button IR2011SPBF Datasheet HTML 8Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 9Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 10Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 11Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 12Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 13Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 14Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 15Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
IR2011(S)PBF
12
www.irf.com
© 2015 International Rectifier
April 14, 2015
Figure 14A. VCC Supply Current vs. Temperature
Figure 14B. VCC Supply Current vs. VCC Supply
Voltage
Figure 15A. Logic “1” Input Bias Current vs.
Temperature
Figure 15 B.
Logic “1” Input Bias Current vs.
Supply Voltage
Figure 16A. Logic “0” Input Bias Current vs.
Temperature
Figure 16B. Logic “0” Input Bias Current vs. Supply
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com