Electronic Components Datasheet Search
  English  ▼

X  

IM240 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IM240
Description  600V three-phase inverter including gate drivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IM240 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IM240 Datasheet HTML 1Page - Infineon Technologies AG IM240 Datasheet HTML 2Page - Infineon Technologies AG IM240 Datasheet HTML 3Page - Infineon Technologies AG IM240 Datasheet HTML 4Page - Infineon Technologies AG IM240 Datasheet HTML 5Page - Infineon Technologies AG IM240 Datasheet HTML 6Page - Infineon Technologies AG IM240 Datasheet HTML 7Page - Infineon Technologies AG IM240 Datasheet HTML 8Page - Infineon Technologies AG IM240 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Released Datasheet
3
Revision 2.2
2020-07-08
CIPOS™ Micro
IM240 Series
Internal Electrical Schematic
1
Internal Electrical Schematic
Figure 1
Internal electrical schematic.
Half-Bridge
HVIC
Half-Bridge
HVIC
Half-Bridge
HVIC
1 COM
2 VB1
3 VDD1
4 HIN1
5 LI N1
6 NC
7 VB2
8 VDD2
9 HIN2
10 LI N2
11 VTH
12 VB3
13 VDD3
14 HIN3
15 LI N3
16 NC
17 V+
18 U/VS1
19 VR1
20 VR2
21 V/VS2
22 VR3
23 W/VS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com