Electronic Components Datasheet Search
  English  ▼

X  

IM240 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IM240
Description  600V three-phase inverter including gate drivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IM240 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IM240 Datasheet HTML 1Page - Infineon Technologies AG IM240 Datasheet HTML 2Page - Infineon Technologies AG IM240 Datasheet HTML 3Page - Infineon Technologies AG IM240 Datasheet HTML 4Page - Infineon Technologies AG IM240 Datasheet HTML 5Page - Infineon Technologies AG IM240 Datasheet HTML 6Page - Infineon Technologies AG IM240 Datasheet HTML 7Page - Infineon Technologies AG IM240 Datasheet HTML 8Page - Infineon Technologies AG IM240 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Released Datasheet
Please read the Important Notice and Warnings at the end of this document
Revision 2.2
www.infineon.com
2020-07-08
IM240 Series
CIPOS™ Micro IPM: 600 V, 3 & 4 A
IM240 Series
Description
CIPOS™ Micro IM240 Series are three-phase Intelligent Power Modules (IPM) designed for advanced appliance
motor drive applications such as energy efficient fans and pumps. These advanced IPMs offers a combination of
low VCE(sat) RC-DF IGBT technology and the industry benchmark half-bridge high voltage, rugged driver in a
familiar package.
Features
•
600V three-phase inverter including gate drivers
& bootstrap function
•
Based on low 2.1V VCE(sat) RC-DF IGBT
•
Advanced input filter with shoot-through
protection
•
Optimized dV/dt for loss and EMI trade offs
•
Open-emitter for single and leg-shunt current
sensing
•
3.3V logic compatible
•
Driver tolerant to negative voltage (-VS)
•
Undervoltage lockout for all channels
•
Isolation 1900VRMS, 1min
•
UL-certified
Potential Applications
•
Air-conditioner fans
•
Refrigerator compressors
•
Ventilation fans & blower fans
•
Low power motor drives
Product validation
Qualified for industrial applications according to the relevant tests of JEDEC47/20/22.
Table 1
Product Information
Series
Package Type
Standard Pack
Product Name
Form
Quantity
IM240-S6
DIP 29x12F
Tube
240
IM240-S6Y1B
DIP 29x12F
Tube
240
IM240-S6Y2B
SOP 29x12F
Tube
240
IM240-S6Z1B
IM240-M6
DIP 29x12F
Tube
240
IM240-M6Y1B
DIP 29x12F
Tube
240
IM240-M6Y2B
SOP 29x12F
Tube
240
IM240-M6Z1B


Similar Part No. - IM240

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IM240-M6Y1B INFINEON-IM240-M6Y1B Datasheet
1Mb / 36P
iMOTION™ modular application design kit
Revision 1.1 2020-09-29
IM240-M6Z1B INFINEON-IM240-M6Z1B Datasheet
1Mb / 36P
iMOTION™ modular application design kit
Revision 1.1 2020-09-29
logo
XP Power Limited
IM2403SA XPPOWER-IM2403SA Datasheet
116Kb / 1P
2 Watts IM Series
IM2405S XPPOWER-IM2405S Datasheet
116Kb / 1P
2 Watts IM Series
IM2405SA XPPOWER-IM2405SA Datasheet
116Kb / 1P
2 Watts IM Series
More results

Similar Description - IM240

ManufacturerPart #DatasheetDescription
logo
Semikron International
IGD-8-326-E1F12-BH-FA SEMIKRON-IGD-8-326-E1F12-BH-FA Datasheet
2Mb / 5P
Three-phase inverter
IGD-8-426-E1F12-BH-FA SEMIKRON-IGD-8-426-E1F12-BH-FA Datasheet
2Mb / 5P
Three-phase inverter
SKAI90A2GD06-W12DI SEMIKRON-SKAI90A2GD06-W12DI Datasheet
493Kb / 8P
Three-phase IGBT inverter
logo
International Rectifier
IRSM505-065 IRF-IRSM505-065_15 Datasheet
820Kb / 15P
500V 3-phase inverter including high voltage gate drivers
IRSM505-084 IRF-IRSM505-084_15 Datasheet
829Kb / 15P
250V 3-phase inverter including high voltage gate drivers
logo
STMicroelectronics
STSPIN32F0 STMICROELECTRONICS-STSPIN32F0 Datasheet
828Kb / 40P
Three-phase gate drivers
30-Mar-2017
logo
Semikron International
IGD-4-424-P1F7-BL-FA SEMIKRON-IGD-4-424-P1F7-BL-FA Datasheet
495Kb / 5P
Three phase inverter
IGD-8-424-P1F9-BH-FA SEMIKRON-IGD-8-424-P1F9-BH-FA Datasheet
531Kb / 5P
Three phase inverter
logo
Infineon Technologies A...
IM231-L6S1B INFINEON-IM231-L6S1B Datasheet
1Mb / 24P
600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM231-M6S1B INFINEON-IM231-M6S1B Datasheet
1Mb / 24P
600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com