Electronic Components Datasheet Search
  English  ▼

X  

IM240 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IM240
Description  600V three-phase inverter including gate drivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IM240 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IM240 Datasheet HTML 6Page - Infineon Technologies AG IM240 Datasheet HTML 7Page - Infineon Technologies AG IM240 Datasheet HTML 8Page - Infineon Technologies AG IM240 Datasheet HTML 9Page - Infineon Technologies AG IM240 Datasheet HTML 10Page - Infineon Technologies AG IM240 Datasheet HTML 11Page - Infineon Technologies AG IM240 Datasheet HTML 12Page - Infineon Technologies AG IM240 Datasheet HTML 13Page - Infineon Technologies AG IM240 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Released Datasheet
10
Revision 2.2
2020-07-08
CIPOS™ Micro
IM240 Series
Static Parameters
6
Static Parameters
6.1
Inverter
(VDD-COM) = (VB- VS) = 15 V. TC = 25°C unless otherwise specified.
Table 10: IM240-S6
Parameter
Symbol Conditions
Min.
Typ.
Max.
Units
Collector-to-emitter
saturation voltage
VCE(sat)
IC = 1A
-
1.54
-
V
IC = 2.5A
-
2.2
2.7
V
IC = 2.5A, TJ = 150
℃ - 2.3 - V
Collector emitter leakage
current
ICES
VIN = 0V, V+ = 600V
-
-
40
µA
Diode forward voltage
VF
IC = 1A
-
1.53
-
V
IC = 2.5A
-
2.10
2.6
V
IC = 2.5A, TJ = 150
℃ - 2.05 - V
Table 11: IM240-M6
Parameter
Symbol Conditions
Min.
Typ.
Max.
Units
Collector-to-emitter
saturation voltage
VCE(sat)
IC = 1A
-
1.35
-
V
IC = 2.5A
-
2.25
2.6
V
IC = 2.5A, TJ = 150
℃ - 2.3 - V
Collector emitter leakage
current
ICES
VIN = 0V, V+ = 600V
-
-
40
µA
Diode forward voltage
VF
IC = 1A
-
1.53
-
V
IC = 2.5A
-
2.10
2.6
V
IC = 4A, TJ = 150
℃ - 2.05 - V
6.2
Control
(VDD-COM) = (VB- VS) = 15 V. TC = 25°C unless otherwise specified. The VIN and IIN parameters are referenced to COM
and are applicable to all six channels. The VDDUVparameters are referenced to COM. The VBSUV parameters are
referenced to VS.
Table 12
Parameter
Symbol
Min.
Typ.
Max.
Units
Logic “1” input voltage (LIN, HIN)
VIN,TH+
2.2
-
-
V
Logic “0” input voltage (LIN, HIN)
VIN,TH-
-
-
0.8
V
VDD/VBSsupply undervoltage, positive going
threshold
VDD,UV+,
VBS,UV+
10.0
11.1
12.2
V
VDD/VBS supply undervoltage, negative going
threshold
VDD,UV-,
VBS,UV-
9.8
10.9
12.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com