Electronic Components Datasheet Search
  English  ▼

X  

IM240 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # IM240
Description  600V three-phase inverter including gate drivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IM240 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button IM240 Datasheet HTML 17Page - Infineon Technologies AG IM240 Datasheet HTML 18Page - Infineon Technologies AG IM240 Datasheet HTML 19Page - Infineon Technologies AG IM240 Datasheet HTML 20Page - Infineon Technologies AG IM240 Datasheet HTML 21Page - Infineon Technologies AG IM240 Datasheet HTML 22Page - Infineon Technologies AG IM240 Datasheet HTML 23Page - Infineon Technologies AG IM240 Datasheet HTML 24Page - Infineon Technologies AG IM240 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Released Datasheet
21
Revision 2.2
2020-07-08
CIPOS™ Micro
IM240 Series
Application Guide
Figure 12: IM240-M6
Continuous current using a typical loss and worse case Zthjc model
12.3
TJ vs TTH
Figure 13: IM240-S6
Typical TJ vs TTH correlation
40
50
60
70
80
90
100
110
120
130
140
150
160
50
60
70
80
90
100
110
120
Internal Thermistor Temperature Equivalent Readout, TTH [°C]
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
Case Temperature TC [
℃]
V+ = 300V, VDD=VBS=15V,
TJ≤150°C, TC≤125°C, MI=0.8, PF=0.8,
Sinusoidal PWM
FPWM=6kHz
FPWM=16kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com