Electronic Components Datasheet Search
  English  ▼

X  

HM5465AV Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5465AV
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5465AV Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5465AV Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
under the overdischarge and power-down conditions. The power-down condition is released when a charger is
connected and the potential difference between VM and VDD becomes 1.3V (typ.) or higher (load
short-circuiting detection voltage). At this time, the FET is still off. When the battery voltage becomes the
overdischarge detection voltage (VDL) or higher (see note), the HM5465A turns the FET on and changes to the
normal condition from the overdischarge condition.
Remark If the VM pin voltage is no less than the charger detection voltage (VCHA), the battery under
overdischarge condition is connected to a charger, the overdischarge condition is released (the discharging
control FET is turned on) as usual, provided that the battery voltage reaches the overdischarge release
voltage (VDU) or higher.
Overcurrent Condition
When the discharging current becomes equal to or higher than a specified value (the VM pin voltage is equal
to or higher than the overcurrent detection voltage) during discharging under normal condition and the state
continues for the overcurrent detection delay time or longer, the HM5465A turns off the discharging control
FET to stop discharging. This condition is called overcurrent condition. (The overcurrent includes overcurrent
or load short-circuiting). The VM and GND pins are shorted internally by the RVMS resistor under the
overcurrent condition. When a load is connected, the VM pin voltage equals the VDD voltage due to the load.
The overcurrent condition returns to the normal condition when the load is released and the impedance
between the B+ and B- pins becomes higher than the automatic recoverable impedance. When the load is
removed, the VM pin goes back to the GND potential since the VM pin potential is lower than the overcurrent
detection voltage (VIOV1), the IC returns to the normal condition.
Abnormal Charge Current Detection
If the VM pin voltage drops below the charger detection voltage (VCHA) during charging under the normal
condition and it continues for the overcharge detection delay time (tCU) or longer, the HM5465A turns the
charging control FET off and stops charging. This action is called abnormal charge current detection.
Abnormal charge current detection works when the discharging control FET is on and the VM pin voltage
droops below the charger detection voltage (VCHA). When an abnormal charge current flows into a battery in
the overdischarge condition, the HM5465A consequently turns the charging control FET off and stops charging
after the battery voltage becomes the overdischarge detection voltage and the overcharge detection delay
time (tCU) elapses. Abnormal charge current detection is released when the voltage difference between VM pin
and GND pin becomes lower than the charger detection voltage (VCHA) by separating the charger. Since the
0V battery charging function has higher priority than the abnormal charge current detection function, abnormal
charge current may not be detected by the product with the 0V battery charging function while the battery
voltage is low.
Load Short-circuiting Condition
If voltage of VM pin is equal or below short-circuiting protection voltage (VSHORT), the HM5465A will stop
discharging and battery is disconnected from load. The maximum delay time to switch current off is tSHORT.
This status is released when voltage of VM pin is higher than short protection voltage (VSHORT), such as when
disconnecting the load.
Delay Circuits
The detection delay time for overdischarge current 2 and load short-circuiting starts when overdischarge
current 1 is detected. As soon as overdischarge current 2 or load short-circuiting is detected over detection
HM5465A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com