Electronic Components Datasheet Search
  English  ▼

X  

HM5465AV Datasheet(PDF) 12 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5465AV
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5465AV Datasheet(HTML) 12 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5465AV Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
◼ SOLDERING METHODS FOR UNIVERCHIP
Storage environment Temperature=10℃~35℃ Humidity=65%±15%
Reflow soldering of surface mount device
Profile Feature
Sn-Pb Eutectic Assembly
Pb free Assembly
Average ramp-up rate (TL to TP)
<3℃/sec
<3℃/sec
Preheat
-Temperature Min (Tsmin)
-Temperature Max (Tsmax)
-Time (min to max) (ts)
100℃
150℃
60~120 sec
150℃
200℃
60~180 sec
Tsmax to TL
-Ramp-up Rate
<3℃/sec
<3℃/sec
Time maintained above
-Temperature (TL)
-Time (tL)
183℃
60~150 sec
217℃
60~150 sec
Peak Temperature (TP)
240℃+0/-5℃
260℃+0/-5℃
Time within 5℃ of actual Peak
Temperature (tP)
10~30 sec
20~40 sec
Ramp-down Rate
<6℃/sec
<6℃/sec
Time 25℃ to Peak Temperature
<6 minutes
<6 minutes
HM5465A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com