Electronic Components Datasheet Search
  English  ▼

X  

HM5465AV Datasheet(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5465AV
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5465AV Datasheet(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5465AV Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
delay time for overdischarge current 2 or load short-circuiting, the HM5465A stops discharging. When battery
voltage falls below overdischarge detection voltage due to overdischarge current, the HM5465A stop
discharging by overdischarge current detection. In this case the recovery of battery voltage is so slow that if
battery voltage after overdischarge voltage detection delay time is still lower than overdischarge detection
voltage, the HM5465A shifts to power-down.
0V Battery Charging Function 1 2 3
This function enables the charging of a connected battery whose voltage is 0V by self-discharge. When a
charger having 0V battery start charging charger voltage (V0CHA)
or higher is connected between B+ and B-
pins, the charging control FET gate is fixed to VDD potential. When the voltage between the gate and the
source of the charging control FET becomes equal to or higher than the turn-on voltage by the charger voltage,
the charging control FET is turned on to start charging. At this time, the discharging control FET is off and the
charging current flows through the internal parasitic diode in the discharging control FET. If the battery voltage
becomes equal to or higher than the overdischarge release voltage (VDU), the normal condition returns.
◼ TYPICAL APPLICATION
100ohm
C1 10nf
Battery
UP6455
Charger+
Charger-
VT
VDD
VM
VM
GND
HM5465A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com