Electronic Components Datasheet Search
  English  ▼

X  

HM5465AV Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5465AV
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5465AV Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5465AV Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5465AV Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
One Cell Lithium-ion/Polymer Battery Protection IC
◼ DESCRIPTION
The HM5465A series product is a high
integration solution for lithium-ion/polymer battery
protection. HM5465A contains advanced power
MOSFET, high-accuracy voltage detection circuits
and delay circuits. HM5465A is put into a small
package and only one external component makes it
an ideal solution in limited space of battery pack.
HM5465A has all the protection functions required in
the battery application including overcharging,
over-discharging, overcurrent and load short
circuiting protection etc. The accurate safe and full
utilization charging. The low standby current drains
little current from the cell while in storage. The
device is only targeted for digital cellular phones, but
also
for
any
other
Li-ion
and
Li-Poly
battery-powered information appliance requiring
long-term battery life.
◼ FEATURE
◆
Protection of Charger Reverse Connection
◆
Protection of Battery Cell Reverse Connection
◆
Integrate MOSFET
◆
Over-temperature Protection
◆
Two-step Overcurrent Detection:
Over-discharge Current
Load Short Circuiting
◆
Charger Detection Function
◆
0V Battery Charging Function
◆
High-accuracy Voltage Detection
◆
Low Current Consumption
◆
Operation Mode: 3uA typ
◆
Power-down Mode: 1.0uA typ
◼ APPLICATIONS
◆
One-Cell Lithium-ion Battery Pack
◆
Lithium-Polymer Battery Pack
◼ PIN CONFIGURATION
HM5465A


Similar Part No. - HM5465AV

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM5460R42HLF BITECH-HM5460R42HLF Datasheet
1Mb / 3P
High Current Toroidal Inductors
HM5460R42VLF BITECH-HM5460R42VLF Datasheet
1Mb / 3P
High Current Toroidal Inductors
logo
Shenzhen Huazhimei Semi...
HM5461I HMSEMI-HM5461I Datasheet
2Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5461J HMSEMI-HM5461J Datasheet
2Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5462DR HMSEMI-HM5462DR Datasheet
1Mb / 11P
High-precision built-in MOSFET lithium battery protection circuit
More results

Similar Description - HM5465AV

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2421 UTC-UB2421 Datasheet
232Kb / 11P
ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC
logo
SHOUDING Shouding Semic...
SD5350A SHOUDING-SD5350A Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5464A HMSEMI-HM5464A Datasheet
2Mb / 13P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5464C HMSEMI-HM5464C Datasheet
2Mb / 13P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9901G HMSEMI-HM9901G Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5456R HMSEMI-HM5456R Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
One-cell lithium-ion/lithium-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5453 HMSEMI-HM5453 Datasheet
1Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5433A HMSEMI-HM5433A Datasheet
1Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9901 HMSEMI-HM9901 Datasheet
1Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com