Electronic Components Datasheet Search
  English  ▼

X  

LR431AD Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR431AD
Description  Programmable output Voltage to 36V. Low dynamic output impedance 0.2?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR431AD Datasheet(HTML) 3 Page - Leshan Radio Company

  LR431AD Datasheet HTML 1Page - Leshan Radio Company LR431AD Datasheet HTML 2Page - Leshan Radio Company LR431AD Datasheet HTML 3Page - Leshan Radio Company LR431AD Datasheet HTML 4Page - Leshan Radio Company LR431AD Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T
ICAL ER
R ANCE C ARACTERI TIC
1
1
3
1
1
1
C
T
C
A
RE
11
3
4
C
C
C
C
T
C
A
RE
I A
1
1
3
3
4
1
1
3
3
4
C
3 C
R
I
C
I A 1
A
T
C
1
34
1
3
4
T
4
R
T
C
1
1
1
1
1
1
1
1
1
1
4
1
3
D
I
T
C
I A
A
1
A
1
1
3
4
1
1
1
1
4
1
3
A
T
C
I A 1
A
Fig 1 Cathode Current Vs Cathode Voltage
LRC
LESHAN RADIO COMPANY,LTD.
Ver1.0
3/5
Unstable 
region 
VKA(V) 
R1(KΩ) 
R2(KΩ) 
A 
Vref 
0 ∞ 
B 
5 
10 
10 
C 
10 
30 
10 
Fig7.Stability Boundary Conditions(Ta=25 ° C)
Fig8.Test Circurt for Fig7
Note:The region C is not unstable when test current is above 1mA,



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com