Electronic Components Datasheet Search
  English  ▼

X  

LR431AD Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR431AD
Description  Programmable output Voltage to 36V. Low dynamic output impedance 0.2?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR431AD Datasheet(HTML) 5 Page - Leshan Radio Company

  LR431AD Datasheet HTML 1Page - Leshan Radio Company LR431AD Datasheet HTML 2Page - Leshan Radio Company LR431AD Datasheet HTML 3Page - Leshan Radio Company LR431AD Datasheet HTML 4Page - Leshan Radio Company LR431AD Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LRC
LESHAN RADIO COMPANY,LTD.
Ver1.0
5/5
Package 8-Pin SOP 150-mil
θ
L L1
D
b
S
e
A
A1
A2
C
Dimensions
Symbol
A
A1
A2
b
C
D
E
E1
e
L
L1
S
θ
Unit
mm
Min
0.10
1.35
0.36
0.15
4.77
5.80
3.80
0.46
0.85
0.41
0
Nom
0.15
1.45
0.41
0.20
4.90
5.99
3.90
1.27
0.66
1.05
0.54
5
Max
1.75
0.20
1.55
0.51
0.25
5.03
6.20
4.00
0.86
1.25
0.67
8
Inch
Min
0.004
0.053
0.014
0.006
0.188
0.228
0.150
0.018
0.033
0.016
0
Nom
0.006
0.057
0.016
0.008
0.193
0.236
0.154
0.05
0.026
0.041
0.021
5
Max
0.069
0.008
0.061
0.020
0.010
0.198
0.244
0.158
0.034
0.049
0.026
8
SHIPPING INFORMATION
Tape: 4000 Units/ Reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com