Electronic Components Datasheet Search
  English  ▼

X  

LR431AD Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR431AD
Description  Programmable output Voltage to 36V. Low dynamic output impedance 0.2?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR431AD Datasheet(HTML) 4 Page - Leshan Radio Company

  LR431AD Datasheet HTML 1Page - Leshan Radio Company LR431AD Datasheet HTML 2Page - Leshan Radio Company LR431AD Datasheet HTML 3Page - Leshan Radio Company LR431AD Datasheet HTML 4Page - Leshan Radio Company LR431AD Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TE T CIRCUIT
IN UT
A
RE
I A
LR431
R1
R
IRE
A
RE
1 R1 R
IRE R1
IN UT
A
RE
I A
LR431
IN UT
A
I A
LR431
9 T
C
A
RE
8 T
C
A
RE
9 T
C
I A
A
LICATI N CIRCUIT
RE
LR431
R1
R
1 R1 R
RE
RE
LR431
R1
R
1 R1 R
RE
LR
UT
IN
C
N
RE
LR431
R1
R
1 R1 R
RE
1
R
11
C
T
1
R
T
R
LR431
R
RCL
I
LR431
R
I
I
RE
R
13 C
14 C
L
C
LRC
LESHAN RADIO COMPANY,LTD.
RE
RCL
I
Ver1.0
4/5
Fig9
Fig10
Fig11
Fig12
Fig13
Fig14
Fig15
Fig16



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com