Electronic Components Datasheet Search
  English  ▼

X  

LR431AD Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR431AD
Description  Programmable output Voltage to 36V. Low dynamic output impedance 0.2?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR431AD Datasheet(HTML) 1 Page - Leshan Radio Company

  LR431AD Datasheet HTML 1Page - Leshan Radio Company LR431AD Datasheet HTML 2Page - Leshan Radio Company LR431AD Datasheet HTML 3Page - Leshan Radio Company LR431AD Datasheet HTML 4Page - Leshan Radio Company LR431AD Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LR
Ω.
°
REFERENCE(R)
ANODE(A)
CATHODE(K)
LRC
LESHAN RADIO COMPANY,LTD.
Programmable Precision Reference
LR431XD
Ver1.0
ESD: HBM 4000V
We declare that material of product compliance
with ROHS requirements.
1/5
SOP-8
1
2
3
4
8
7
6
5
CATHODE
ANODE
ANODE
NC
REF
ANODE
ANODE
NC
MSL: Level 3


Similar Part No. - LR431AD

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR431A LRC-LR431A Datasheet
93Kb / 6P
LR431 LINEAR INTEGRATED CIRCUIT
LR431AH LRC-LR431AH Datasheet
210Kb / 5P
Programmable output Voltage to 36V Low dynamic output impedance 0.2廓
LR431AHTSLT1G LRC-LR431AHTSLT1G Datasheet
1Mb / 8P
Programmable output Voltage to 42V. Low dynamic output impedance 0.2?
LR431ALT1 LRC-LR431ALT1 Datasheet
93Kb / 6P
LR431 LINEAR INTEGRATED CIRCUIT
LR431ALT1G LRC-LR431ALT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results

Similar Description - LR431AD

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TL431 HTC-TL431 Datasheet
385Kb / 11P
Programmable Output Voltage to 40V
logo
Texas Instruments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Leshan Radio Company
LR431AH LRC-LR431AH Datasheet
210Kb / 5P
Programmable output Voltage to 36V Low dynamic output impedance 0.2廓
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
Output Voltage Adjustable from 1.30V to 36V
logo
Nanjing International G...
AZ431 DGNJDZ-AZ431 Datasheet
392Kb / 4P
The output voltage can be adjusted to 36V
logo
Texas Instruments
PT4410 TI1-PT4410_14 Datasheet
261Kb / 11P
Programmable Output Voltage
logo
Hotchip Technology Co.,...
TL431 HOTCHIP-TL431 Datasheet
706Kb / 6P
Programmable output voltage to 36V
logo
Leshan Radio Company
LR431AHTSLT1G LRC-LR431AHTSLT1G Datasheet
1Mb / 8P
Programmable output Voltage to 42V. Low dynamic output impedance 0.2?
S-LR431AKLT1G LRC-S-LR431AKLT1G Datasheet
1Mb / 5P
Low Dynamic output impedance 0.1??Typ); Adjustable output voltage
logo
Shanghai Leiditech Elec...
AZ431 LEIDITECH-AZ431 Datasheet
1Mb / 19P
Programmable Precise Output Voltage from 2.5V to 36V or 18V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com