Electronic Components Datasheet Search
  English  ▼

X  

MPXM2051GS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPXM2051GS
Description  MPXM2051G, 0 to 50 kPa, Gauge Compensated Pressure Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXM2051GS Datasheet(HTML) 3 Page - NXP Semiconductors

  MPXM2051GS Datasheet HTML 1Page - NXP Semiconductors MPXM2051GS Datasheet HTML 2Page - NXP Semiconductors MPXM2051GS Datasheet HTML 3Page - NXP Semiconductors MPXM2051GS Datasheet HTML 4Page - NXP Semiconductors MPXM2051GS Datasheet HTML 5Page - NXP Semiconductors MPXM2051GS Datasheet HTML 6Page - NXP Semiconductors MPXM2051GS Datasheet HTML 7Page - NXP Semiconductors MPXM2051GS Datasheet HTML 8Page - NXP Semiconductors MPXM2051GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MPXM2051G
Sensors
NXP Semiconductors, B.V.
3
1
General Description
1.1
Block diagram
Figure 1 shows a block diagram of the internal circuitry integrated on a pressure sensor chip.
Figure 1. Integrated pressure sensor block diagram
1.2
Pinout
Figure 2. Device pinout (top view)
Table 1. Pin functions
Pin
Name
Function
1
GND
Ground
2VOUT+
Output voltage
3VS
Voltage supply
4VOUT-
Output voltage
5
DNC
Do not connect to external circuitry or ground.
VS
Transducer
Sensing
Element
Thin Film
Temperature
Compensation
and
Calibration
VOUT+
VOUT-
GND
4
3
2
1
5
V
OUT-
VS
VOUT+
GND
DNC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com