Electronic Components Datasheet Search
  English  ▼

X  

MPXM2051GS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPXM2051GS
Description  MPXM2051G, 0 to 50 kPa, Gauge Compensated Pressure Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXM2051GS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPXM2051GS Datasheet HTML 2Page - NXP Semiconductors MPXM2051GS Datasheet HTML 3Page - NXP Semiconductors MPXM2051GS Datasheet HTML 4Page - NXP Semiconductors MPXM2051GS Datasheet HTML 5Page - NXP Semiconductors MPXM2051GS Datasheet HTML 6Page - NXP Semiconductors MPXM2051GS Datasheet HTML 7Page - NXP Semiconductors MPXM2051GS Datasheet HTML 8Page - NXP Semiconductors MPXM2051GS Datasheet HTML 9Page - NXP Semiconductors MPXM2051GS Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MPXM2051G
Sensors
NXP Semiconductors, B.V.
7
4
Package Information
4.1
Package dimensions
This drawing is located at http://cache.nxp.com/files/shared/doc/package_info/98ARH99087A.pdf.
Case 98ARH99087A, 5-lead M-PAC
PAGE 1 OF 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com