Electronic Components Datasheet Search
  English  ▼

X  

MPXM2051GS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPXM2051GS
Description  MPXM2051G, 0 to 50 kPa, Gauge Compensated Pressure Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXM2051GS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPXM2051GS Datasheet HTML 2Page - NXP Semiconductors MPXM2051GS Datasheet HTML 3Page - NXP Semiconductors MPXM2051GS Datasheet HTML 4Page - NXP Semiconductors MPXM2051GS Datasheet HTML 5Page - NXP Semiconductors MPXM2051GS Datasheet HTML 6Page - NXP Semiconductors MPXM2051GS Datasheet HTML 7Page - NXP Semiconductors MPXM2051GS Datasheet HTML 8Page - NXP Semiconductors MPXM2051GS Datasheet HTML 9Page - NXP Semiconductors MPXM2051GS Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MPXM2051G
Sensors
6
NXP Semiconductors, B.V.
3
On-chip Temperature Compensation and Calibration
Figure 4 shows the minimum, maximum and typical output characteristics of the MPXM2051G series at 25
°C. The output is
directly proportional to the differential pressure and is essentially a straight line.
A silicone gel isolates the die surface and wire bonds from the environment, while allowing the pressure signal to be transmitted
to the silicon diaphragm.
Figure 4. Output versus pressure differential
kPa
PSI
40
35
30
25
15
10
5
0
-5
0
12.5
1.8
25
3.6
37.5
5.4
50
7.25
20
MAX
TYP
MIN
OFFSET
(TYP)
SPAN
RANGE
(TYP)
VS = 10 Vdc
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com