Electronic Components Datasheet Search
  English  ▼

X  

MPXM2051GS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPXM2051GS
Description  MPXM2051G, 0 to 50 kPa, Gauge Compensated Pressure Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXM2051GS Datasheet(HTML) 1 Page - NXP Semiconductors

  MPXM2051GS Datasheet HTML 1Page - NXP Semiconductors MPXM2051GS Datasheet HTML 2Page - NXP Semiconductors MPXM2051GS Datasheet HTML 3Page - NXP Semiconductors MPXM2051GS Datasheet HTML 4Page - NXP Semiconductors MPXM2051GS Datasheet HTML 5Page - NXP Semiconductors MPXM2051GS Datasheet HTML 6Page - NXP Semiconductors MPXM2051GS Datasheet HTML 7Page - NXP Semiconductors MPXM2051GS Datasheet HTML 8Page - NXP Semiconductors MPXM2051GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NXP reserves the right to change the detail specifications as may be required to permit
improvements in the design of its products.
NXP Semiconductors
Document Number: MPXM2051G
Data Sheet: Technical Data
Rev. 4.0, 06/2020
© 2005, 2009, 2015, 2020 NXP Semiconductors, B.V., All rights reserved.
MPXM2051G, 0 to 50 kPa, Gauge
Compensated Pressure Sensors
The MPXM2051G device is a silicon piezoresistive pressure sensor providing a
highly accurate and linear voltage output - directly proportional to the applied
pressure. The sensor is a single, monolithic silicon diaphragm with the strain
gauge and a thin-film resistor network integrated on-chip. The chip is laser
trimmed for precise span and offset calibration and temperature compensation.
Features
•
Temperature compensated over 0 °C to +85 °C
•
Available in easy-to-use tape and reel
•
Ratiometric to supply voltage
•
Gauge ported
Typical applications
•
Pump/motor controllers
•
Robotics
•
Level indicators
•
Medical diagnostics
•
Pressure switching
•
Non-invasive blood pressure measurement
Ordering information
Device name
Shipping
Package
# of Ports
Pressure type
Device
marking
None
Single
Dual
Gauge
Differential Absolute
MPXM2051GS
Rail
98ARH99087A
•
•
MPXM2051GS
MPXM2051GST1
Tape and reel
98ARH99087A
•
•
MPXM2051GS
4
3
2
1
5
V
OUT-
VS
VOUT+
GND
DNC
MPXM2051G
MPAK package
Top view
MPXM2051GS/GST1
Case 98ARH99087A
Pinout


Similar Part No. - MPXM2051GS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXM2051GS FREESCALE-MPXM2051GS Datasheet
218Kb / 6P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2051GS FREESCALE-MPXM2051GS Datasheet
113Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2051GST1 FREESCALE-MPXM2051GST1 Datasheet
218Kb / 6P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2051GST1 FREESCALE-MPXM2051GST1 Datasheet
113Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPXM2051GST1 NXP-MPXM2051GST1 Datasheet
306Kb / 14P
50 kPa Temperature compensated pressure sensor
Rev. 5.1 - 17 May 2024
More results

Similar Description - MPXM2051GS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2050GP MOTOROLA-MPX2050GP Datasheet
130Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Freescale Semiconductor...
MPXM2053 FREESCALE-MPXM2053 Datasheet
129Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053 Datasheet
352Kb / 13P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MP3V5050 NXP-MP3V5050 Datasheet
432Kb / 15P
MP3V5050, 0 to 50 kPa, Differential, and Gauge Pressure Sensor
Rev. 1.4, 12/2018
MP3V5050V NXP-MP3V5050V Datasheet
145Kb / 11P
MP3V5050V, -50 to 0 kPa, Gauge Pressure Sensor
Rev. 3.0, 09/2015
MPX53 NXP-MPX53 Datasheet
261Kb / 12P
MPX53, 0 to 50 kPa, Differential and Gauge, Uncompensated, Silicon Pressure Sensors
Rev. 7.1, 07/2015
MPX2300DT1 NXP-MPX2300DT1 Datasheet
106Kb / 7P
MPX2300DT1, 0 to 40 kPa, Differential Compensated Pressure Sensor
Rev. 11, 09/2015
MPX5100 NXP-MPX5100 Datasheet
496Kb / 20P
MPX5100, 0 to 100 kPa, Differential, Gauge, and Absolute, Integrated, Pressure Sensors
Rev. 14, 12/2018
MPXC2011DT1 NXP-MPXC2011DT1 Datasheet
107Kb / 7P
MPXC2011DT1, 0 to 10 kPa, Differential, Compensated Pressure Sensor
Rev. 11, 09/2015
MPXV2050G NXP-MPXV2050G Datasheet
340Kb / 15P
50 kPa Temperature Compensated Pressure Sensors
Rev. 2-22 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com