Electronic Components Datasheet Search
  English  ▼

X  

3G3MX2AB022 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # 3G3MX2AB022
Description  Born to drive machines
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3MX2AB022 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button 3G3MX2AB022 Datasheet HTML 7Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 8Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 9Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 10Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 11Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 12Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 13Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 14Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
3G3MX2
Dimensions
Voltage class
Drive model
Figure
Dimensions (Unit: mm)
Weight (kg)
W
W1
H
H1
t
D
D1
D2
d
Single-phase
200V
3G3MX2-AB001
1
68
56
128
118
–
109
13.5
–
–
1.0
3G3MX2-AB002
1
1.0
3G3MX2-AB004
1
123
27
1.1
3G3MX2-AB007
2
108
96
128
118
170.5
55
4.4
4.5
1.4
3G3MX2-AB015
2
1.8
3G3MX2-AB022
2
1.8
Three-phase
200V
3G3MX2-A2001
1
68
56
128
118
–
109
13.5
–
–
1.0
3G3MX2-A2002
1
1.0
3G3MX2-A2004
1
1134
27
1.1
3G3MX2-A2007
1
146
50
1.2
3G3MX2-A2015
2
108
96
128
118
170.5
55
4.4
4.5
1.6
3G3MX2-A2022
2
1.8
3G3MX2-A2037
3
140
128
128
118
5
170.5
55
4.4
2.0
3G3MX2-A2055
3
140
122
260
248
6
155
73.3
6
6
3.0
3G3MX2-A2075
3
3.4
3G3MX2-A2110
3
180
160
296
284
7
175
97
5
7
5.1
3G3MX2-A2150
3
220
192
350
336
7
175
84
5
7
7.4
Three-phase
400V
3G3MX2-A4004
2
108
96
128
118
–
144
28
–
–
1.5
3G3MX2-A4007
2
1.6
3G3MX2-A4015
2
171
55
1.8
3G3MX2-A4022
2
1.9
3G3MX2-A4030
2
1.9
3G3MX2-A4040
3
140
128
128
118
5
171
55
4.4
4.5
2.1
3G3MX2-A4055
3
122
260
248
6
155
73.3
6
6
3.5
3G3MX2-A4075
3
3.5
3G3MX2-A4110
3
180
160
296
284
7
175
97
5
7
4.7
3G3MX2-A4150
3
5.2
Voltage
Drive Model 3G3MX2-9
RFI Filter Model
RFI Filter
Rated Current (A)
Dimensions (Unit: mm)
W
H
L
X
Y
M
1-phase
200VAC
AB001/AB002/AB004
3G3AX-FIM1010-RE
10
71
45
169
156
51
M4
AB007
3G3AX-FIM1014-RE
14
111
50
169
156
91
M4
AB015/AB022
3G3AX-FIM1024-RE
24
111
50
169
156
91
M4
3-phase
200VAC
A2001/A2002/A2004/A2007
3G3AX-FIM2010-RE
10
82
50
194
181
62
M4
A2015/A2022
3G3AX-FIM2020-RE
20
111
50
169
156
91
M4
A2037
3G3AX-FIM2030-RE
30
144
50
174
161
120
M4
A2055/A2075
3G3AX-FIM2060-RE
60
150
52
320
290
122
M5
A2110
3G3AX-FIM2080-RE
80
188
62
362
330
160
M5
A2150
3G3AX-FIM2100-RE
100
220
62
415
380
192
M6
3-phase
400VAC
A4004/A4007
3G3AX-FIM3005-RE
5
111
45
169
156
91
M4
A4015/A4022/A4030
3G3AX-FIM3010-RE
10
111
45
169
156
91
M4
A4040
3G3AX-FIM3014-RE
14
144
50
174
161
120
M4
A4055/A4075
3G3AX-FIM3030-RE
23
150
52
306
290
122
M5
A4110/A4150
3G3AX-FIM3050-RE
50
182
62
357
330
160
M5
RFI Filters, Footprint Type
Unit: mm
‚o‚v‚q
‚`‚k‚l
‚q‚t‚m
‚g‚š
‚`
‚o‚q‚f
‚q‚t‚m
‚r‚s‚n‚o
‚q‚d‚r‚d‚s
‚R‚f‚R‚l‚w‚Q ?@‚h‚m‚u‚d‚q‚s‚d‚q
H
H1
W1
W
5
D1
D
φ 4.5
Figure 1
H
W1
W
t
φ 2-d
D1
D
H1
Figure 2
H
H1
W1
W
φ 2-d
t
D1
D
Figure 3
3G3MX2 AC Drives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com