Electronic Components Datasheet Search
  English  ▼

X  

3G3MX2AB022 Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # 3G3MX2AB022
Description  Born to drive machines
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3MX2AB022 Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button 3G3MX2AB022 Datasheet HTML 12Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 13Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 14Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 15Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 16Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 17Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 18Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 19Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
AC Drives
Ordering Information
3G3MX2 AC Drives
Model
Voltage class
Constant torque (Heavy load)
Variable torque (Light load)
Standard
Max motor kW
Max motor HP
Rated current A
Max motor kW
Max motor HP
Rated current A
1-phase 200 VAC
0.1
1/8
1.0
0.2
1/4
1.2
3G3MX2-AB001
0.2
1/4
1.6
0.4
1/2
1.9
3G3MX2-AB002
0.4
1/2
3.0
0.55
3/4
3.5
3G3MX2-AB004
0.75
1
5.0
1.1
1 1/2
6.0
3G3MX2-AB007
1.5
2
8.0
2.2
3
9.6
3G3MX2-AB015
2.2
3
11.0
3.0
412.03G3MX2-AB022
3-phase 200 VAC
0.1
1/8
1.0
0.2
1/4
1.2
3G3MX2-A2001
0.2
1/4
1.6
0.4
1/2
1.9
3G3MX2-A2002
0.4
1/2
3.0
0.55
3/4
3.5
3G3MX2-A2004
0.75
1
5.0
1.1
1 1/2
6.0
3G3MX2-A2007
1.5
2
8.0
2.2
3
9.6
3G3MX2-A2015
2.2
3
11.0
3.0
412.03G3MX2-A2022
3.7
5
17.5
5.5
7 1/2
19.6
3G3MX2-A2037
5.5
7 1/2
25.0
7.5
10
30.0
3G3MX2-A2055
7.5
10
33.0
11
15
40.0
3G3MX2-A2075
11
15
47.0
15
20
56.0
3G3MX2-A2110
15
20
60.0
18.5
25
69.0
3G3MX2-A2150
3-phase 400 VAC
0.4
1/2
1.8
0.75
1
2.1
3G3MX2-A4004
0.75
1
3.4
1.52
4.1
3G3MX2-A4007
1.5
2
4.8
2.23
5.4
3G3MX2-A4015
2.2
3
5.5
3.04
6.9
3G3MX2-A4022
3.0
4
7.2
4.05
8.8
3G3MX2-A4030
4.0
5
9.2
5.57 1/211.1
3G3MX2-A4040
5.5
7 1/2
14.8
7.51017.5
3G3MX2-A4055
7.5
10
18.0
11
15
23.0
3G3MX2-A4075
11
15
24.0
15
20
31.0
3G3MX2-A4110
15
20
31.0
18.5
25
38.0
3G3MX2-A4150
Types
Model
Description
Functions
3G3AX-OP05
LCD remote operator
5 Line LCD remote operator with copy function, cable length max. 3m.
3G3AX-CAJOP300-EE
Remote operator cable
3 meters cable for connecting remote operator
3G3AX-CUSBM002-E
PC configuration cable
Mini USB to USB connector cable
Accessories
Specifications are subject to change without notice.
Item
Description
Functions
CX-Drive
AC Drive/Servo Programming software
Set, transfer and compare parameters; perform test runs and adjustment; perform monitoring
and data tracing for Omron drives and servos included in CX-One software.
CX-One
All-in-one Automation software
Program, configure and simulate operations for PLCs, HMIs, networks, motion control systems,
temperature and process controllers.
Computer Software
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces,
multiply by 0.03527.
Note: SoftwarerunsonthefollowingOS:Windows2000(ServicePack3aorhigher),XP,VistaorWindows 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com