Electronic Components Datasheet Search
  English  ▼

X  

3G3MX2AB022 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # 3G3MX2AB022
Description  Born to drive machines
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3MX2AB022 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button 3G3MX2AB022 Datasheet HTML 11Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 12Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 13Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 14Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 15Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 16Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 17Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 18Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
3G3MX2
Single-phase
3-phase
power
supply
Shorting
bar
Shorting bar
Motor
ELB
MC
ON
R/L1 (L1)*1
S/L2
T/L3 (N)*1
24 VDC
MC
S7/EB
S5/TH
S4/GS2
S3/GS1
S2
S1
FS
FV
FI
RP
AM
MP
RS−
RS+
PC
P1/EDM
P2
MB
MA
N/−
SC
S6
P24
DC reactor
PSC
SC
SC
If any source-logic external
output devices or external
power supply is used, refer to
"Connection to
Programmable Controller
(PLC)" on page 2-22.
Multi-function
outputs (2 outputs)
Multi-function
relay output
Braking Resistor*2
*1 Connect to terminals L1 and N on a single-phase, 200-V AC Drive (3G3MX2-AB
).
*2 Optional.
Power: 1/4 W min.
Resistance: 2 kΩ min.
10 VDC power supply
(7 mA Max.)
Analog voltage input
0 to 10 V (10 bits)
Analog voltage
output 0 to 10 V
(10 bits)
Ground to 100 Ω or less for 200-V class
Ground to 100 Ω or less for 400-V class
Analog current input
4 to 20 mA (10 bits)
Pulse input
5 to 24 VDC
(32 kHz Max.)
Pulse output
0 to 10 VDC
(32 kHz Max.)
Serial communication port
(RS-485/Modbus-RTU)
RB
P/+2
+1
W/T3
V/T2
U/T1
M
3~
Remove the short bar
when connecting a
DC reactor.
RB
N/
−
Regenerative
Braking Unit
*2
P
RB
Braking Resistor
*2
When using a Regenerative Braking Unit
P
N
10 VDC
SC
SC
SC
SC
SC
Approx.
100 Ω
Terminal
Resistor
Terminal Resistor
selector switch
Approx.
10 kΩ
Thermistor
Optional board connector
Communications Option Unit*2
OFF
MC
AX
MC
AX
Multi-function
inputs
(7 contact
inputs)
Standard Connections
Terminal symbol Terminal name
Description
R/L1,L1,
S/L2,T/L3,N
Mainpowersupplyinputterminal
ConnecttheinputACpowersupply.ConnecttoterminalsL1andNonasingle-phase,200-VACDrive(3G3MX2-AB999).
U/T1,V/T2,W/T3
Driveoutputterminal
Connecta3-phasemotor.
+1,P/+2
DCreactorconnectionterminal
Removetheshortingbarbetweenterminals+1andP/+2,andconnecttheoptionalDCreactor.
P/+2,RB
BrakingResistorconnectionterminal
Connectoptionalbrakingresistors.(Ifabrakingtorqueisrequired)
P/+2,N/-
Regenerativebrakingunitconnectionterminal
Connectoptionalregenerativebrakingunits.(Whenbrakingtorqueisrequiredorthebuilt-inbrakingcircuitisnotsufficient)
G
Groundterminal
Thisisagroundterminal.Connectthisterminaltotheground.ProvideClassDgroundingfor200Vclassmodels,
andclassCgroundingfor400Vclassmodels.On200Vclassmodelsof3.7kWorbelowand400Vclassmodels
of4.0kWorbelow,thegroundterminalislocatedonthecoolingfin.
Main Circuit Terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com