Electronic Components Datasheet Search
  English  ▼

X  

3G3MX2AB022 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # 3G3MX2AB022
Description  Born to drive machines
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3MX2AB022 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button 3G3MX2AB022 Datasheet HTML 8Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 9Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 10Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 11Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 12Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 13Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 14Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 15Page - Omron Electronics LLC 3G3MX2AB022 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
AC Drives
Accessories
Voltage class
Model 3G3AX-9
Dimensions (Unit: mm)
Weight (kg)
A
B2
C2
D
E
F
200V
RAI02800080-DE
120
70
120
80
52
5.5
1.78
RAI00880200-DE
120
80
120
80
62
5.5
2.35
RAI00350335-DE
180
85
190
140
55
6
5.5
RAI00180670-DE
180
85
190
140
55
6
5.5
400V
RAI07700050-DE
120
70
120
80
52
5.5
1.78
RAI03500100-DE
120
80
120
80
62
5.5
2.35
RAI01300170-DE
120
80
120
80
62
5.5
2.50
RAI00740335-DE
180
85
190
140
55
6
5.5
Voltage class
Model 3G3AX-9
Dimensions (Unit: mm)
Weight (kg)
A
B2
C2
D
E
F
200V
RAO11500026-DE
120
70
120
80
52
5.5
1.78
RAO07600042-DE
120
70
120
80
52
5.5
1.78
RAO04100075-DE
120
80
120
80
62
5.5
2.35
RAO03000105-DE
120
80
120
80
62
5.5
2.35
RAO01830180-DE
180
85
190
140
55
6
5.5
RAO01150220-DE
180
85
190
140
55
6
5.5
RAO00950320-DE
180
85
205
140
55
6
6.5
RAO00630430-DE
180
95
205
140
65
6
9.1
RAO00490640-DE
180
95
205
140
65
6
9.1
400V
RAO16300038-DE
120
70
120
80
52
5.5
1.78
RAO11800053-DE
120
80
120
80
52
5.5
2.35
RAO07300080-DE
120
80
120
80
62
5.5
2.35
RAO04600110-DE
180
85
190
140
55
6
5.5
RAO03600160-DE
180
85
205
140
55
6
6.5
RAO02500220-DE
180
95
205
140
55
6
9.1
RAO02000320-DE
180
105
205
140
85
6
11.7
Input AC Reactor
Output AC Reactor
DC Reactor
Voltage class
Model 3G3AX-
Dimensions (Unit: mm)
Weight
(kg)
AB
CD
EF
GH
200 V
RC21400016-DE
84
113
96
101
66
5
7.5
2
1.22
RC10700032-DE
RC06750061-DE
105
1.60
RC03510093-DE
RC02510138-DE
116
1.95
RC01600223-DE
108
135
124
120
82
6.5
9.5
9.5
3.20
RC01110309-DE
120
152
136
135
94
7–
5.20
RC00840437-DE
146
6.00
RC00590614-DE
150
177
160
160
115
2
11.4
RC00440859-DE
182.6
14.3
400 V
RC43000020-DE
84
113
96
101
66
5
7.5
2
1.22
RC27000030-DE
105
1.60
RC14000047-DE
RC10100069-DE
116
1.95
RC06400116-DE
108
135
133
120
82
6.5
9.5
9.5
3.70
RC04410167-DE
120
152
136
135
94
7
–
5.20
RC03350219-DE
146
6.00
RC02330307-DE
150
177
160
160
115
72
11.4
RC01750430-DE
182.6
14.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com