Electronic Components Datasheet Search
  English  ▼

X  

7206F Datasheet(PDF) 7 Page - Maxwell Technologies

Part # 7206F
Description  High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7206F Datasheet(HTML) 7 Page - Maxwell Technologies

Back Button 7206F Datasheet HTML 3Page - Maxwell Technologies 7206F Datasheet HTML 4Page - Maxwell Technologies 7206F Datasheet HTML 5Page - Maxwell Technologies 7206F Datasheet HTML 6Page - Maxwell Technologies 7206F Datasheet HTML 7Page - Maxwell Technologies 7206F Datasheet HTML 8Page - Maxwell Technologies 7206F Datasheet HTML 9Page - Maxwell Technologies 7206F Datasheet HTML 10Page - Maxwell Technologies 7206F Datasheet HTML 11Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
7206F
12.19.01 Rev 3
1000572
Reset to HF/FF High
-15
-20
-30
-40
-50
t
HFH, tFFH
--
--
--
--
--
25
30
30
50
65
ns
Read Low to EF Low
-15
-20
-30
-40
-50
t
REF
--
--
--
--
--
15
20
30
40
50
ns
Read High to FF High
-15
-20
-30
-40
-50
t
RFF
--
--
--
--
--
17
20
30
40
50
ns
Read Pulse Width after EF High
-15
-20
-30
-40
-50
t
RPE
15
20
30
40
50
--
--
--
--
--
ns
Write High to EF High
-15
-20
-30
-40
-50
t
WEF
--
--
--
--
--
15
20
30
40
50
ns
Write Low to FF Low
-15
-20
-30
-40
-50
t
WFF
--
--
--
--
--
20
20
30
40
50
ns
Write Low to HF Flag Low
-15
-20
-30
-40
-50
t
WHF
--
--
--
--
--
30
30
30
50
65
ns
TABLE 5. 7206F TIMING CHARACTERISTICS 1
(V
CC = 5V ± 10%, TA = -55 TO +125 °C UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
MIN
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com