Electronic Components Datasheet Search
  English  ▼

X  

7206F Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 7206F
Description  High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7206F Datasheet(HTML) 3 Page - Maxwell Technologies

  7206F Datasheet HTML 1Page - Maxwell Technologies 7206F Datasheet HTML 2Page - Maxwell Technologies 7206F Datasheet HTML 3Page - Maxwell Technologies 7206F Datasheet HTML 4Page - Maxwell Technologies 7206F Datasheet HTML 5Page - Maxwell Technologies 7206F Datasheet HTML 6Page - Maxwell Technologies 7206F Datasheet HTML 7Page - Maxwell Technologies 7206F Datasheet HTML 8Page - Maxwell Technologies 7206F Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
7206F
12.19.01 Rev 3
1000572
TABLE 4. 7206F DC ELECTRICAL CHARACTERISTICS
(V
CC = 5V ± 10%, TA = -55 TO +125 °C UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Operating Supply Current
-15
-20
-30
-40
-50
I
CCOP
--
--
--
--
--
165
160
150
140
130
mA
Standby Supply Current (R = W = RS = FLVRT = V
IH)ICCSB
--
5
mA
Power Down Current (All Input = V
CC)ICCPD
--
400
µA
Input Leakage Current (0.4V < V
IN < VCC)ILI
--
±1
µA
Output Leakage Current (R = V
IH, 0.4V < VOUT < VCC)ILO
--
±1
µA
Input Low Voltage1
1. V
IH max = VCC + 0.3V. VIL min = -0.3V or -1.0V pulse width 50 ns.
V
IL
--
0.8
V
Input High Voltage1
V
IH
2.2
--
V
Output Low Voltage (V
CC min, IOL = 8mA)
V
OL
--
0.4
V
Output High Voltage (V
CC min, IOH = -2mA)
V
OH
2.4
--
V
Input Capacitance 2
2. Guaranteed by design.
C
IN
--
10
pF
Output Capacitance 2
C
OUT
--
10
pF
TABLE 5. 7206F TIMING CHARACTERISTICS 1
(V
CC = 5V ± 10%, TA = -55 TO +125 °C UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
MIN
MAX
UNITS
Read Cycle
Read Cycle Time
-15
-20
-30
-40
-50
t
RC
25
30
40
50
65
--
--
--
--
--
ns
Access Time
-15
-20
-30
-40
-50
t
A
--
--
--
--
--
15
20
30
40
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com