Electronic Components Datasheet Search
  English  ▼

X  

7206F Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 7206F
Description  High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7206F Datasheet(HTML) 1 Page - Maxwell Technologies

  7206F Datasheet HTML 1Page - Maxwell Technologies 7206F Datasheet HTML 2Page - Maxwell Technologies 7206F Datasheet HTML 3Page - Maxwell Technologies 7206F Datasheet HTML 4Page - Maxwell Technologies 7206F Datasheet HTML 5Page - Maxwell Technologies 7206F Datasheet HTML 6Page - Maxwell Technologies 7206F Datasheet HTML 7Page - Maxwell Technologies 7206F Datasheet HTML 8Page - Maxwell Technologies 7206F Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300- Fax: (858) 503-3301- www.maxwell.com
High-Speed Epi-CMOS (16K x 9-Bit)
7206F
©2001 Maxwell Technologies
All rights reserved.
Parallel FIFO
12.19.01 Rev 3
1000572
I
7206F
FEATURES:
• 16K x 9-bit organization
•RAD-PAK® radiation-hardened against natural space radia-
tion
• A total dose hardness:
- > 100 krad (Si), depending upon space mission
• Excellent Single Event Effect
- SEL
TH: > 100 MeV/mg/cm
2
- SEU
TH: = 7 MeV/mg/cm
2
- SEU saturated cross section: 1.5E-5 cm2/bit
• Asynchronous Read/Write operation
• High speed CMOS epi technology
• Retransmit capability
• Propagation time (max access time):
- 15 ns, 20 ns, 30 ns, 40 ns, 50 ns
• Status flag: empty, half-full, full
• Fully expandable in both word depth and width
• Bi-directional applications
• Low power
• Battery back-up operation
• TTL compatible
• Package: 28 pin RAD-PAK® flat package
DESCRIPTION:
Maxwell Technologies’ 7206F high speed FIFO microcircuit
features a greater than 100 krad (Si) total dose tolerance,
depending upon space mission. It is organized such that the
data is read in the same sequential order that it was written.
Full and Empty flags are provided to prevent overflow and
underflow. The expansion logic allows unlimited expansion
capability in work size and depth with no timing penalties. Twin
address pointers automatically generate internal read and
write addresses, and automatically increment with the write
and read pin. The 7206F 9-bits wide data are used in data
communications applications where a parity bit for error
checking is necessary. The retransmit capability allows the
read pointer to be reset to its initial position without affecting
the write pointer.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK provides greater than 100
krad (Si) radiation dose tolerance. This product is available
with screening up to Class S.
Logic Diagram


Similar Part No. - 7206F

ManufacturerPart #DatasheetDescription
logo
NEC
72065B NEC-72065B Datasheet
772Kb / 8P
3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
Renesas Technology Corp
7206L12DG RENESAS-7206L12DG Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
7206L12DGB RENESAS-7206L12DGB Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
7206L12DGBB RENESAS-7206L12DGBB Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
7206L12DGI RENESAS-7206L12DGI Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results

Similar Description - 7206F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5496 SHARP-LH5496 Datasheet
141Kb / 16P
CMOS 512 x 9 FIFO
logo
Catalyst Semiconductor
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
16K-Bit CMOS PARALLEL E2PROM
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
logo
List of Unclassifed Man...
HM63921 ETC-HM63921 Datasheet
17Kb / 2P
2048-word x 9-bit CMOS Parallel In-Out FIFO Memory
logo
Cypress Semiconductor
CY7C470 CYPRESS-CY7C470 Datasheet
270Kb / 15P
8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
CMOS 1K X 9 FIFO
logo
ATMEL Corporation
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M67206H ATMEL-M67206H Datasheet
2Mb / 20P
Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com