Electronic Components Datasheet Search
  English  ▼

X  

7206F Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 7206F
Description  High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7206F Datasheet(HTML) 2 Page - Maxwell Technologies

  7206F Datasheet HTML 1Page - Maxwell Technologies 7206F Datasheet HTML 2Page - Maxwell Technologies 7206F Datasheet HTML 3Page - Maxwell Technologies 7206F Datasheet HTML 4Page - Maxwell Technologies 7206F Datasheet HTML 5Page - Maxwell Technologies 7206F Datasheet HTML 6Page - Maxwell Technologies 7206F Datasheet HTML 7Page - Maxwell Technologies 7206F Datasheet HTML 8Page - Maxwell Technologies 7206F Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
7206F
12.19.01 Rev 3
1000572
TABLE 1. 7206F PINOUT DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1W
Write Enable
2 - 6
I8, I3-I0
Inputs
7XI
Expansion In
8
FF
Full Flag
9 - 13
Q0 - Q3, Q8
Outputs
14
GND
Ground
15
R
Read Enable
16 - 19
Q4 - Q7
Outputs
20
XO/HF
Expansion Out/Half Full Flag
21
EF
Empty Flag
22
RS
Reset
23
FL/RT
First Load/Retransmit
24 - 27
I7 - I4
Inputs
28
V
CC
Power Supply
TABLE 2. 7206F ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Positive Supply Voltage
V
CC
-0.3
7.0
V
Input or Output Voltage
V
IN
GND -0.3
V
CC +0.3
V
Storage Temperature Range
T
S
-65
150
°
C
Operating Temperature Range
T
A
-55
125
°
C
TABLE 3. 7206F RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Positive Supply Voltage
V
CC
4.5
5.5
V
High Level Input Voltage
V
IH
2.2
--
V
Low Level Voltage
V
IL
--
0.8
V
Thermal Impedance
Θ
JC
--
0.93
°C/W
Operating Temperature Range
T
A
-55
125
°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com