Electronic Components Datasheet Search
  English  ▼

X  

5001 Datasheet(PDF) 29 Page - Microchip Technology

Part # 5001
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

5001 Datasheet(HTML) 29 Page - Microchip Technology

Back Button 5001 Datasheet HTML 25Page - Microchip Technology 5001 Datasheet HTML 26Page - Microchip Technology 5001 Datasheet HTML 27Page - Microchip Technology 5001 Datasheet HTML 28Page - Microchip Technology 5001 Datasheet HTML 29Page - Microchip Technology 5001 Datasheet HTML 30Page - Microchip Technology 5001 Datasheet HTML 31Page - Microchip Technology 5001 Datasheet HTML 32Page - Microchip Technology 5001 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Hardware Description
 2017 Microchip Technology Inc.
DS50002673A-page 29
4.5
HARDWARE FOR I2C/SMBUS COMMUNICATION OVER USB OR EXTERNAL
I2C CONNECTION
Directly above J22 is U2. This is an MCP2221 USB-2 to I2C bridge chip that translates
the USB communications into I2C read/write commands to configure the PAC1934 and
to capture status and results data. To the left of U2 is U3, a level shifter that matches
the I2C signals from the MCP2221 to the VIO voltage that the user is using for the
PAC1934 VDD_IO. On the far right side of the board, there is a switch SW1 and a con-
nector J27. These are both used when connecting an external I2C connection directly
to the board instead of using the USB connection. J27 allows the user to connect the
external VIO, SCA, and SCL signals directly to the PAC1934. SW1 disables the USB
bridge and level shifter and connects the pull-up resistors on SCA and SCL pins to the
external VIO voltage.
4.6
SIGNAL DESCRIPTION IN DEMO MODE
In DEMO mode, all four channels measure the same ISENSE. VSENSE matching is lim-
ited by resistor matching. All four channels measure similar VBUS levels. The VSENSE
signals are equal to the current source value multiplied by 1Ω (25/50 mV).The VBUS
signal for Channel 1 is +5V USB. The VSENSE inputs for the other channels are sepa-
rated from +5V USB by each sense resistor’s voltage drop so they are offset from each
other. Also, the +5V USB is not a low impedance power supply (it is generated from the
USB connection on the PC), so there is a small square wave on each VBUS signal as
the ISENSE current interacts with the output impedance of +5V USB.
All of the plots in the GUI description above are made in the default DEMO mode
configuration.
4.7
PAC1934 CURRENT MEASUREMENTS USING THE PAC1934.
The ADM00805 Evaluation Board can be used to measure the PAC1934 VDD and VIO
currents. For both measurements below, the sense resistor values for Channel 1 (VIO)
and/or Channel 4 (VDD) require changing to 10Ω for proper scaling of the ISENSE and
power measurements.
To measure the current in the VDD_IO pin, move the shunts on J14 and J15 to the VIO
position (see Figure 4-1). This connects Channel 1's inputs across R24, which is con-
nected between VDD_IO and VIO. R24 is a 10Ω sense resistor that can measure the cur-
rent going into the VDD_IO pin on the PAC1934. This is a very low current, and allows
the user to see the benefit of using VSENSE average for making very accurate
VSENSE/ISENSE measurements for low currents.
The VSENSE measurements have a periodic variation, repeating every four measure-
ments. This periodic variation is due to a design feature that caused the average
VSENSE/ISENSE measurement (and the accumulated power) to have nearly zero offset.
Figure 4-2 displays VBUS (VDD_IO) and current into VDD_IO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com