Electronic Components Datasheet Search
  English  ▼

X  

5001 Datasheet(PDF) 42 Page - Microchip Technology

Part # 5001
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

5001 Datasheet(HTML) 42 Page - Microchip Technology

Back Button 5001 Datasheet HTML 37Page - Microchip Technology 5001 Datasheet HTML 38Page - Microchip Technology 5001 Datasheet HTML 39Page - Microchip Technology 5001 Datasheet HTML 40Page - Microchip Technology 5001 Datasheet HTML 41Page - Microchip Technology 5001 Datasheet HTML 42Page - Microchip Technology 5001 Datasheet HTML 43Page - Microchip Technology 5001 Datasheet HTML 44Page - Microchip Technology 5001 Datasheet HTML 45Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
PAC1934 Evaluation Board (ADM00805) User’s Guide
DS50002673A-page 42
 2017 Microchip Technology Inc.
18
JP1, JP2,
JP3, JP4,
JP5, JP6,
JP7, JP8,
JP9, JP10,
JP11, JP12,
JP13, JP14,
JP15, JP16,
JP17, JP18
Mechanical HW Jumper, 2.54 mm, 1x2 Han-
dle, Gold
TE Connectivity,
Ltd.
881545-2
3LD1, LD2,
LD3
Diode LED, Green, 3.2V, 20 mA, 430 mcd,
Clear, SMD, 0603
Wurth Electronik
150060GS75000
4PAD1,
PAD2,
PAD3, PAD4
Mechanical HW Rubber PAD, Cylindrical,
D7.9, H5.3, Black
3M
SJ61A11
1
PCB1
Printed Circuit Board - ADM00805 Evaluation
Board
Microchip
Technology Inc.
04-10617-R2
1
Q1
Transistor FET N-CH ZXMN2A01F 20V 1.9A
625 mW SOT-23-3
Diodes
Incorporated®
ZXMN2A01FTA
4
R1, R2, R3,
R4
Resistor Shunt, MF, 0.004R, 1%, 2W, 2512
Stackpole
Electronics, Inc.
CSNL2512FT4L00
5R17, R18,
R27, R28,
R39
Resistor TKF, 4.7k, 1%, 1/10W, SMD, 0603
Panasonic® - ECG
ERJ-3EKF4701V
2
R19, R24
Resistor TKF, 10R, 1%, 1/10W, SMD, 0603
Panasonic® - ECG
ERJ-3EKF10R0V
3R20, R23,
R38
Resistor TKF, 10k, 1%, 1/10W, SMD, 0603
Panasonic - ECG
ERJ-3EKF1002V
1
R22
Resistor TKF, 499R, 1%, 1/10W, SMD, 0603
Panasonic® - ECG
ERJ-3EKF4990V
3R25, R26,
R34
Resistor TKF, 8.2k, 1%, 1/10W, SMD, 0603
Panasonic - ECG
ERJ-3EKF8201V
1
R29
Resistor TKF, 24.9R, 1%, 1/10W, SMD, 0603
Vishay/Dale
CRCW060324R9FKEA
1
R30
Resistor TKF, 100R, 1%, 1/10W, SMD, 0603
Panasonic® - ECG
ERJ-3EKF1000V
1
R31
Resistor TKF, 1k, 1%, 1/10W, SMD, 0603
Panasonic® - ECG
ERJ-3EKF1001V
1
R32
Resistor TKF, 3k, 1%, 1/10W, SMD, 0603
Panasonic® - ECG
ERJ-3EKF3001V
1
R33
Resistor TKF, 1.5k, 1%, 1/10W, SMD, 0603
Panasonic® - ECG
ERJ-3EKF1501V
1
R35
Resistor TKF, 12.1k, 1%, 1/10W, SMD, 0603
Panasonic® - ECG
ERJ-3EKF1212V
1
R36
Resistor TKF, 1M, 5%, 1/10W, SMD, 0603
Panasonic® - ECG
ERJ-3GEYJ105V
1
R37
Resistor TKF, 5.6k, 1%, 1/10W, SMD, 0603
Yageo Corporation
RC0603FR-075K6L
4
R5, R6, R7,
R8
Resistor TKF, 1R, 1%, 1/4W, SMD, 1206
Panasonic® - ECG
ERJ-8RQF1R0V
8
R9, R10,
R11, R12,
R13, R14,
R15, R16
Resistor TKF, 0R, 1/10W, SMD, 0603
Panasonic® - ECG
ERJ-3GSY0R00V
1
SW1
Switch Slide DPDT, 6V, 300 mA,
JS202011SCQN, SMD
C&K Components
JS202011SCQN
1
U1
MCHP Analog Power Current Sense Monitor
PAC1934-I/J6CX WLCSP-16
Microchip
Technology Inc.
PAC1934-I/J6CX
1
U2
MCHP Interface USB,
I2C, UART
MCP2221A-I/ST TSSOP-14
Microchip
Technology Inc.
MCP2221A-I/ST
TABLE B-1:
ADM00805 EVALUATION BOARD - BILL OF MATERIALS (BOM) (CONTINUED)
Qty.
Reference
Description
Manufacturer
Part Number
Note 1: The components listed in this Bill of Materials are representative of the PCB assembly. The released BOM
used in manufacturing uses all RoHS-compliant components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com