Electronic Components Datasheet Search
  English  ▼

X  

5001 Datasheet(PDF) 32 Page - Microchip Technology

Part # 5001
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

5001 Datasheet(HTML) 32 Page - Microchip Technology

Back Button 5001 Datasheet HTML 28Page - Microchip Technology 5001 Datasheet HTML 29Page - Microchip Technology 5001 Datasheet HTML 30Page - Microchip Technology 5001 Datasheet HTML 31Page - Microchip Technology 5001 Datasheet HTML 32Page - Microchip Technology 5001 Datasheet HTML 33Page - Microchip Technology 5001 Datasheet HTML 34Page - Microchip Technology 5001 Datasheet HTML 35Page - Microchip Technology 5001 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
PAC1934 Evaluation Board (ADM00805) User’s Guide
DS50002673A-page 32
 2017 Microchip Technology Inc.
5
12
—
Open to disable ISOURCE
Connects current source to
+5V through R string
6
23
12
—
Connect Channel 1 +input
7
23
12
—
Connect Channel 1 –input
8
23
12
—
Connect Channel 2 +input
9
23
12
—
Connect Channel 2 –input
10
23
12
—
Connect Channel 3 +input
11
23
12
—
Connect Channel 3 –input
12
23
12
—
Connect Channel 4 +input
13
23
12
—
Connect Channel 4 –input
14
12
12
23
Connect VDD_IO to channel
1 +input
15
12
12
23
Connect IVDD_IO to channel
1 –input
16
12
12
23
Connect VDD to channel 1
+input
17
12
12
23
Connect IVDD to channel 1
–input
22
12
12
—
Remove to insert current
meter if desired
23
12
12
—
Remove short to enter
SLOW mode
24
Open
Open
—
Short pins 1,2 to enter
Power Down state
25
12
12
—
Remove shut for address
22h
27
Open
Open
—
Connect external VIO, SCA,
SCL, GND
28
12
12
—
Open to boost current
source to 25 mA
29
12
12
—
Remove to insert current
meter if desired
30
Open
Open
—
Measure +5 USB or
connect external 5V
Note:
Switch SW1 is shipped in the ON position. It is easy for this switched to be accidentally moved to a different
position when connecting the board. Please confirm that the switch is ON for USB communication, or OFF
for external I2C communication.
TABLE 4-1:
DEFAULT SHUNT CONNECTIONS (CONTINUED)
Jumper
no.
DEMO mode
SYSTEM/SHUNT mode
Special connection
Options/Info



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com