Electronic Components Datasheet Search
  English  ▼

X  

5001 Datasheet(PDF) 41 Page - Microchip Technology

Part # 5001
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

5001 Datasheet(HTML) 41 Page - Microchip Technology

Back Button 5001 Datasheet HTML 37Page - Microchip Technology 5001 Datasheet HTML 38Page - Microchip Technology 5001 Datasheet HTML 39Page - Microchip Technology 5001 Datasheet HTML 40Page - Microchip Technology 5001 Datasheet HTML 41Page - Microchip Technology 5001 Datasheet HTML 42Page - Microchip Technology 5001 Datasheet HTML 43Page - Microchip Technology 5001 Datasheet HTML 44Page - Microchip Technology 5001 Datasheet HTML 45Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
PAC1934
EVALUATION BOARD
(ADM00805) USER’S GUIDE
 2017 Microchip Technology Inc.
DS50002673A-page 41
Appendix B. Bill of Materials (BOM)
TABLE B-1:
ADM00805 EVALUATION BOARD - BILL OF MATERIALS (BOM)
Qty.
Reference
Description
Manufacturer
Part Number
2
C10, C12
Capacitor Ceramic, 0.1 μF, 16V, 10% X7R,
SMD, 0402
Murata Electronics
North America, Inc.
GRM155R71C104KA88D
7C13, C14,
C16, C18,
C19, C20,
C21
Capacitor Ceramic, 0.1 μF, 16V, 10% X7R,
SMD, 0603
Wurth Elektronik
885012206046
1
C15
Capacitor Ceramic, 0.47 μF, 6.3V, 10% X5R,
SMD, 0603
Murata Electronics
North America, Inc.
GRM188R60J474KA01D
1
C17
Capacitor Ceramic, 4.7 μF, 10V, 10% X5R,
SMD, 0805
Panasonic® - ECG
ECJ-GVB1A475M
1
C22
Capacitor Ceramic, 2.2 μF, 16V, 10% X7R,
SMD, 1206
Panasonic® - ECG
ECJ-3YB1C225K
2
C9, C11
Capacitor Ceramic, 2.2 μF, 10V, 10% X7S,
SMD, 0402
TDK Corporation
C1005X7S1A225K050B
C
1
CBL1
Mechanical HW Cable USB, Male-A to Male
Micro-B, Clear 4
DongGuan ZhanXin A006ZX027
1
FB1
Ferrite, 2A, 220R, SMD, 0805
Murata Electronics
North America, Inc.
BLM21PG221SN1D
4
J1, J2, J3,
J4
Connector Terminal, 5 mm, 1x3 Female,
12-30 AWG, 16A, TH R/A
Wurth Elektronik
691137710003
1
J26
Connector USB 2.0, Micro-B Female, SMD,
R/A
FCI
10118193-0001LF
1
J27
Connector HDR-2.54, Male 1x6, Gold
5.84 MH, TH VERT
FCI
68001-106HLF
8
J5, J22, J23,
J24, J25,
J28, J29,
J30
Connector HDR-2.54, Male 1x2, Gold
5.84 MH, TH VERT
FCI
77311-118-02LF
12
J6, J7, J8,
J9, J10, J11,
J12, J13,
J14, J15,
J16, J17
Connector HDR-2.54, Male 1x3, Gold
5.84 MH, TH VERT
FCI
68000-103HLF
Note 1: The components listed in this Bill of Materials are representative of the PCB assembly. The released BOM
used in manufacturing uses all RoHS-compliant components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com