Electronic Components Datasheet Search
  English  ▼

X  

S5000VSA Datasheet(PDF) 75 Page - Intel Corporation

Part # S5000VSA
Description  Technical Product Specification
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000VSA Datasheet(HTML) 75 Page - Intel Corporation

Back Button S5000VSA Datasheet HTML 71Page - Intel Corporation S5000VSA Datasheet HTML 72Page - Intel Corporation S5000VSA Datasheet HTML 73Page - Intel Corporation S5000VSA Datasheet HTML 74Page - Intel Corporation S5000VSA Datasheet HTML 75Page - Intel Corporation S5000VSA Datasheet HTML 76Page - Intel Corporation S5000VSA Datasheet HTML 77Page - Intel Corporation S5000VSA Datasheet HTML 78Page - Intel Corporation S5000VSA Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 86 page
background image
Intel® Server Board S5000VSA
Appendix B: Sensor Tables
Revision 1.4
Intel order number – D36978-006
75
Sensor
Name
Sensor
Number
System
Applica
-bility
Senso
r Type
Event /
Reading
Type
Event
Offset
Triggers
Criticality
Assert /
De-
assert
Readable
Value /
Offsets
Event
Data
Rearm
Stand
-by
Presence
OK
Disabled
Degraded
Proc 1
Temp
98h
All
Tempe
rature
01h
Threshold
01h
[u,l] [c,nc]
Threshold
defined
As and
De
Analog
R, T
A
–
Proc 2
Temp
9Ah
All
Tempe
rature
01h
Threshold
01h
[u,l] [c,nc]
Threshold
defined
As and
De
Analog
R, T
A
–
Bus
correctable
error
OK
PCIe
Link0
A0h
Critical
Interrup
t
13F
Sensor
Specifi
c
6Fh
PCIe
Link0
Bus
uncorrecta
ble error
Degraded
As
–
See the
BIOS
EPS
A
–
Bus
correctable
error
OK
PCIe
Link1
A1h
Critical
Interrup
t
13F
Sensor
Specifi
c
6Fh
PCIe
Link1
Bus
uncorrecta
ble error
Degraded
As
–
See the
BIOS
EPS
A
–
Bus
correctable
error
OK
PCIe
Link2
A2h
Critical
Interrup
t
13F
Sensor
Specifi
c
6Fh
PCIe
Link2
Bus
uncorrecta
ble error
Degraded
As
–
See the
BIOS
EPS
A
–
Bus
correctable
error
OK
PCIe
Link3
A3h
Critical
Interrup
t
13F
Sensor
Specifi
c
6Fh
PCIe
Link3
Bus
uncorrecta
ble error
Degraded
As
–
See the
BIOS
EPS
A
–
Bus
correctable
error
OK
PCIe
Link4
A4h
Critical
Interrup
t
13F
Sensor
Specifi
c
6Fh
PCIe
Link4
Bus
uncorrecta
ble error
Degraded
As
–
See the
BIOS
EPS
A
–
Bus
correctable
error
OK
PCIe
Link5
A5h
Critical
Interrup
t
13F
Sensor
Specifi
c
6Fh
PCIe
Link5
Bus
uncorrecta
ble error
Degraded
As
–
See the
BIOS
EPS
A
–
Bus
correctable
error
OK
PCIe
Link6
A6h
Critical
Interrup
t
13F
Sensor
Specifi
c
6Fh
PCIe
Link6
Bus
uncorrecta
ble error
Degraded
As
–
See the
BIOS
EPS
A
–
Bus
correctable
error
OK
PCIe
Link7
A7h
Critical
Interrup
t
13F
Sensor
Specifi
c
6Fh
PCIe
Link7
Bus
uncorrecta
ble error
Degraded
As
–
See the
BIOS
EPS
A
–
Bus
correctable
error
OK
PCIe
Link8
A8h
Critical
Interrup
t
13F
Sensor
Specifi
c
6Fh
PCIe
Link8
Bus
uncorrecta
ble error
Degraded
As
–
See the
BIOS
EPS
A
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com