| Electronic Components Datasheet Search |
|
S5000VSA Datasheet(PDF) 83 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
S5000VSA Datasheet(HTML) 83 Page - Intel Corporation |
|
83 / 86 page ![]() Intel® Server Board S5000VSA Glossary Revision 1.4 Intel order number – D36978-006 83 Glossary This appendix contains important terms used in the preceding chapters. For ease of use, numeric entries are listed first (e.g., “82460GX”) with alpha entries following (e.g., “AGP 4x”). Acronyms are then entered in their respective place, with non-acronyms following. Term Definition ACPI Advanced Configuration and Power Interface AP Application Processor APIC Advanced Programmable Interrupt Control ASIC Application Specific Integrated Circuit BIOS Basic Input/Output System BIST Built-In Self Test BMC Baseboard Management Controller Bridge Circuitry connecting one computer bus to another, allowing an agent on one to access the other BSP Bootstrap Processor byte 8-bit quantity. CBC Chassis Bridge Controller (A microcontroller connected to one or more other CBCs, together they bridge the IPMB buses of multiple chassis. CEK Common Enabling Kit CHAP Challenge Handshake Authentication Protocol CMOS In terms of this specification, this describes the PC-AT compatible region of battery-backed 128 bytes of memory, which normally resides on the server board. DPC Direct Platform Control EEPROM Electrically Erasable Programmable Read-Only Memory EHCI Enhanced Host Controller Interface EMP Emergency Management Port EPS External Product Specification FMB Flexible Mother Board FMC Flex Management Connector FMM Flex Management Module FRB Fault Resilient Booting FRU Field Replaceable Unit FSB Front Side Bus GB 1024MB GPIO General Purpose I/O GTL Gunning Transceiver Logic HSC Hot-Swap Controller Hz Hertz (1 cycle/second) I2C Inter-Integrated Circuit Bus IA Intel ® Architecture IBF Input Buffer ICH I/O Controller Hub ICMB Intelligent Chassis Management Bus IERR Internal Error IFB I/O and Firmware Bridge |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |