Electronic Components Datasheet Search
  English  ▼

X  

SAMD21G Datasheet(PDF) 24 Page - Microchip Technology

Part # SAMD21G
Description  32-bit ARM-Based Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMD21G Datasheet(HTML) 24 Page - Microchip Technology

Back Button SAMD21G Datasheet HTML 20Page - Microchip Technology SAMD21G Datasheet HTML 21Page - Microchip Technology SAMD21G Datasheet HTML 22Page - Microchip Technology SAMD21G Datasheet HTML 23Page - Microchip Technology SAMD21G Datasheet HTML 24Page - Microchip Technology SAMD21G Datasheet HTML 25Page - Microchip Technology SAMD21G Datasheet HTML 26Page - Microchip Technology SAMD21G Datasheet HTML 27Page - Microchip Technology SAMD21G Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
6.
Product Mapping
Figure 6-1. SAM D21 Product Mapping
Code
SRAM
Undefined
Peripherals
Reserved
Undefined
Global Memory Space
0x00000000
0x20000000
0x20008000
0x40000000
0x43000000
0x60000000
Internal SRAM
SRAM
AHB-APB
Bridge A
AHB-APB
Bridge B
AHB-APB
Bridge C
AHB-APB
Internal Flash
Reserved
Code
0x00000000
0x00040000
0x1FFFFFFF
0x20000000
0x20007FFF
0x40000000
0x41000000
0x42000000
0x42FFFFFF
Reserved
PAC0
PM
SYSCTRL
GCLK
WDT
RTC
EIC
AHB-APB Bridge A
0x40000000
0x40000400
0x40000800
0x40000C00
0x40001000
0x40001400
0x40001800
0x40FFFFFF
0x40001C00
AHB-APB Bridge B
Reserved
PAC1
DSU
NVMCTRL
PORT
0x41000000
0x41002000
0x41004000
0x41004400
0x41FFFFFF
0x41007000
SERCOM5
PAC2
EVSYS
SERCOM0
SERCOM1
SERCOM2
SERCOM3
SERCOM4
AHB-APB Bridge C
TC7
TCC0
TCC1
TCC2
TC3
TC4
TC5
TC6
ADC
AC
0x42000000
0x42000400
0x42000800
0x42000C00
0x42001000
0x42001400
0x42001800
0x42002000
0x42001C00
0x42003000
0x42003400
0x42003800
0x42003C00
0x42004000
0x42004400
0x42004800
Reserved
0x42FFFFFF
0x60000200
0xFFFFFFFF
Reserved
System
0xE0000000
DAC
0x42004C00
0x42002400
0x42002800
0x42002C00
PTC
0x42005400
0x42005000
I2S
DMAC
USB
MTB
0x41004800
0x41005000
0x41006000
0xE0000000
0xE000E000
0xE000F000
0xE00FF000
0xE0100000
0xFFFFFFFF
System
Reserved
SCS
Reserved
ROMTable
Reserved
Internal Flash
0x00000000
0x00010000
0x1FFFFFFF
Internal
RWW section
Device Variant A
Device Variant B
This figure represents the full configuration of the SAM D21 with maximum flash and SRAM capabilities
and a full set of peripherals. Refer to the Configuration Summary for details.
32-bit ARM-Based Microcontrollers
© 2017 Microchip Technology Inc.
Datasheet Summary
40001884A-page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com