Electronic Components Datasheet Search
  English  ▼

X  

SAMD21G Datasheet(PDF) 1 Page - Microchip Technology

Part # SAMD21G
Description  32-bit ARM-Based Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMD21G Datasheet(HTML) 1 Page - Microchip Technology

  SAMD21G Datasheet HTML 1Page - Microchip Technology SAMD21G Datasheet HTML 2Page - Microchip Technology SAMD21G Datasheet HTML 3Page - Microchip Technology SAMD21G Datasheet HTML 4Page - Microchip Technology SAMD21G Datasheet HTML 5Page - Microchip Technology SAMD21G Datasheet HTML 6Page - Microchip Technology SAMD21G Datasheet HTML 7Page - Microchip Technology SAMD21G Datasheet HTML 8Page - Microchip Technology SAMD21G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
32-bit ARM-Based
Microcontrollers
SAM D21E / SAM D21G /SAM D21J Summary
Introduction
The SAM D21 is a series of low-power microcontrollers using the 32-bit ARM
® Cortex®-M0+ processor,
and ranging from 32- to 64-pins with up to 256KB Flash and 32KB of SRAM. The SAM D21 operate at a
maximum frequency of 48MHz and reach 2.46 CoreMark
®/MHz. They are designed for simple and
intuitive migration with identical peripheral modules, hex compatible code, identical linear address map
and pin compatible migration paths between all devices in the product series. All devices include
intelligent and flexible peripherals, Event System for inter-peripheral signaling, and support for capacitive
touch button, slider and wheel user interfaces.
Features
•
Processor
–
ARM Cortex-M0+ CPU running at up to 48MHz
•
Single-cycle hardware multiplier
•
Micro Trace Buffer (MTB)
•
Memories
–
32/64/128/256KB in-system self-programmable Flash
–
4/8/16/32KB SRAM Memory
•
System
–
Power-on reset (POR) and brown-out detection (BOD)
–
Internal and external clock options with 48MHz Digital Frequency Locked Loop (DFLL48M)
and 48MHz to 96MHz Fractional Digital Phase Locked Loop (FDPLL96M)
–
External Interrupt Controller (EIC)
–
16 external interrupts
–
One non-maskable interrupt
–
Two-pin Serial Wire Debug (SWD) programming, test and debugging interface
•
Low Power
–
Idle and standby sleep modes
–
SleepWalking peripherals
•
Peripherals
–
12-channel Direct Memory Access Controller (DMAC)
–
12-channel Event System
–
Up to five 16-bit Timer/Counters (TC), configurable as either:
•
One 16-bit TC with two compare/capture channels
•
One 8-bit TC with two compare/capture channels
•
One 32-bit TC with two compare/capture channels, by using two TCs
–
Three 24-bit Timer/Counters for Control (TCC), with extended functions:
This is a summary document. A
complete document is available on
our Web site at www.microchip.com
© 2017 Microchip Technology Inc.
Datasheet Summary
40001884A-page 1


Similar Part No. - SAMD21G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SAMD21G18 MICROCHIP-SAMD21G18 Datasheet
190Kb / 2P
SAMD21 ML Evaluation Kit with TDK InvenSense 6-axis MEMS
logo
List of Unclassifed Man...
SAMD21G18A ETC-SAMD21G18A Datasheet
588Kb / 15P
Arduino MKR WAN 1310
12/23/2020
More results

Similar Description - SAMD21G

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A2 ATMEL-AT91SAM7A2 Datasheet
141Kb / 15P
ARM Thumb - based Microcontrollers
logo
List of Unclassifed Man...
HMS30C7210 ETC-HMS30C7210 Datasheet
2Mb / 337P
ARM Based 32-Bit Microprocessor
logo
ATMEL Corporation
AT91SAM7XC512 ATMEL-AT91SAM7XC512 Datasheet
675Kb / 45P
ARM Thumb-based Microcontrollers
AT91SAM7XC512 ATMEL-AT91SAM7XC512_09 Datasheet
768Kb / 47P
ARM Thumb-based Microcontrollers
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
ARM-based 32-bit MCU
logo
ATMEL Corporation
SAMC21E ATMEL-SAMC21E Datasheet
8Mb / 1201P
SMART ARM-Based Microcontrollers
SAMR21 ATMEL-SAMR21 Datasheet
4Mb / 31P
SMART ARM-based Microcontrollers
logo
Microchip Technology
SAM9G20 MICROCHIP-SAM9G20 Datasheet
2Mb / 798P
32-BIT ARM-BASED MICROPROCESSORS
2017
logo
ATMEL Corporation
ATSAMD21J18A ATMEL-ATSAMD21J18A Datasheet
3Mb / 23P
SMART ARM-based Microcontrollers
ATSAME70-XPLD ATMEL-ATSAME70-XPLD Datasheet
4Mb / 58P
SMART ARM-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com