Electronic Components Datasheet Search
  English  ▼

X  

SAMD21G Datasheet(PDF) 8 Page - Microchip Technology

Part # SAMD21G
Description  32-bit ARM-Based Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMD21G Datasheet(HTML) 8 Page - Microchip Technology

Back Button SAMD21G Datasheet HTML 4Page - Microchip Technology SAMD21G Datasheet HTML 5Page - Microchip Technology SAMD21G Datasheet HTML 6Page - Microchip Technology SAMD21G Datasheet HTML 7Page - Microchip Technology SAMD21G Datasheet HTML 8Page - Microchip Technology SAMD21G Datasheet HTML 9Page - Microchip Technology SAMD21G Datasheet HTML 10Page - Microchip Technology SAMD21G Datasheet HTML 11Page - Microchip Technology SAMD21G Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
3.
Ordering Information
SAMD 21 E 15 A - M U T
Product Family
SAMD = General Purpose Microcontroller
21 = Cortex M0 + CPU, Basic Feature Set
E = 32 Pins (35 Pins for WLCSP)
G = 48 Pins (45 Pins for WLCSP)
J = 64 Pins
No character = Tray (Default)
T = Tape and Reel
U = -40 - 85OC Matte Sn Plating
F = -40 - 125OC Matte Sn Plating
A = TQFP
M = QFN
U = WLCSP
C = UFBGA
+ DMA + USB
Product Series
Flash Memory Density
Device Variant
A = Default Variant
B = Added RWW support for 32KB and 64KB memory options
C = Silicon revision F for WLCSP35 package option.
Pin Count
Package Carrier
Package Grade
18 = 256KB
17 = 128KB
16 = 64KB
15 = 32KB
Package Type
3.1
SAM D21E
Table 3-1. Device Variant A
Ordering Code
FLASH (bytes)
SRAM (bytes)
Package
Carrier Type
ATSAMD21E15A-AU
32K
4K
TQFP32
Tray
ATSAMD21E15A-AUT
Tape & Reel
ATSAMD21E15A-AF
Tray
ATSAMD21E15A-AFT
Tape & Reel
ATSAMD21E15A-MU
QFN32
Tray
ATSAMD21E15A-MUT
Tape & Reel
ATSAMD21E15A-MF
Tray
ATSAMD21E15A-MFT
Tape & Reel
32-bit ARM-Based Microcontrollers
© 2017 Microchip Technology Inc.
Datasheet Summary
40001884A-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com