Electronic Components Datasheet Search
  English  ▼

X  

SAMD21G Datasheet(PDF) 33 Page - Microchip Technology

Part # SAMD21G
Description  32-bit ARM-Based Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMD21G Datasheet(HTML) 33 Page - Microchip Technology

Back Button SAMD21G Datasheet HTML 29Page - Microchip Technology SAMD21G Datasheet HTML 30Page - Microchip Technology SAMD21G Datasheet HTML 31Page - Microchip Technology SAMD21G Datasheet HTML 32Page - Microchip Technology SAMD21G Datasheet HTML 33Page - Microchip Technology SAMD21G Datasheet HTML 34Page - Microchip Technology SAMD21G Datasheet HTML 35Page - Microchip Technology SAMD21G Datasheet HTML 36Page - Microchip Technology SAMD21G Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
7.6.2
Register Description
Atomic 8-, 16- and 32-bit accesses are supported. In addition, the 8-bit quarters and 16-bit halves of a 32-
bit register, and the 8-bit halves of a 16-bit register can be accessed directly. Refer to the Product
Mapping for PAC locations.
7.6.2.1
PAC0 Register Description
Write Protect Clear
Name: 
WPCLR
Offset:  0x00
Reset: 
0x000000
Property:
 
–
Bit
31
30
29
28
27
26
25
24
Access
Reset
Bit
23
22
21
20
19
18
17
16
Access
Reset
Bit
15
14
13
12
11
10
9
8
Access
Reset
Bit
7
6
5
4
3
2
1
0
EIC
RTC
WDT
GCLK
SYSCTRL
PM
Access
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
Bit 6 – EIC
Writing a zero to these bits has no effect.
Writing a one to these bits will clear the Write Protect bit for the corresponding peripherals.
Value
Description
0
Write-protection is disabled.
1
Write-protection is enabled.
Bit 5 – RTC
Writing a zero to these bits has no effect.
Writing a one to these bits will clear the Write Protect bit for the corresponding peripherals.
Value
Description
0
Write-protection is disabled.
1
Write-protection is enabled.
32-bit ARM-Based Microcontrollers
© 2017 Microchip Technology Inc.
Datasheet Summary
40001884A-page 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com