Electronic Components Datasheet Search
  English  ▼

X  

E2S Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E2S
Description  Miniature Square Inductive Proximity Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2S Datasheet(HTML) 7 Page - Omron Electronics LLC

  E2S Datasheet HTML 1Page - Omron Electronics LLC E2S Datasheet HTML 2Page - Omron Electronics LLC E2S Datasheet HTML 3Page - Omron Electronics LLC E2S Datasheet HTML 4Page - Omron Electronics LLC E2S Datasheet HTML 5Page - Omron Electronics LLC E2S Datasheet HTML 6Page - Omron Electronics LLC E2S Datasheet HTML 7Page - Omron Electronics LLC E2S Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
D-67
E2S
Dimensions (Unit: mm)
Sensors
Accessories (Order Separately*)
E2S-W1#
If mounting bracket is attached
Indicator *
* E2S-W11#
E2S-W12#
E2S-W13#
E2S-W14#
E2S-W15#
E2S-W16#
Operation indicator (orange)
Operation indicator (red)
Setting indicator (green)
Operation indicator (red)
2.9 dia. vinyl-insulated
round cable, 2 / 3 cores
(conductor sectional
area: 0.14mm2, Insulator
diameter: 0.9 dia.) ;
standard length: 1 m
2.6
5.9
2.3
2
6.4
5.5
5.9
8.4
Sensing surface
19
1
2
2
22.3
25.1
R1.5
E2S-Q1#
If mounting bracket is attached
5.9
6.4
19
1
2
22.3
25.1
2
R1.5
2.9 dia. vinyl-insulated
round cable, 2 / 3 cores
(conductor sectional area:
0.14mm2, Insulator diameter: 0.9 dia.) ;
standard length: 1 m
Sensing surface
Indicator *
5.5
5.9
8.4
2.3
2
* E2S-Q11#
E2S-Q12#
E2S-Q13#
E2S-Q14#
E2S-Q15#
E2S-Q16#
Operation indicator (red)
Operation indicator (red)
Setting indicator (green)
Operation indicator (red)
E2S-W2#
*E2S-W21#
E2S-W22#
E2S-W23#
E2S-W24#
E2S-W25#
E2S-W26#
Operation indicator (orange)
Operation indicator (red)
Setting indicator (green)
Operation indicator (red)
8
7.4
5.3
11.5
15.5
3.1 dia. mounting holes
10.1
8
Sensing surface
Indicator *
2.9 dia. vinyl-insulated round
cable, 2 / 3 cores (conductor
sectional area: 0.14mm2,
Insulator diameter: 0.9 dia.)
; standard length: 1 m
7.4
7.8
2.3
11.3
20
3
10.8
2.5
2
2
3.1 dia.
If mounting bracket is attached
E2S-Q2#
If mounting bracket is attached
8
8.4
8
2.3
8.9
14.5
3.6
4.1
18.5
11.3
23
3
Sensing surface
Indicator *
2.9 dia. vinyl-insulated round cable,
2 / 3 cores (conductor sectional area:
0.14m‡u, Insulator diameter: 0.9 dia.) ;
standard length: 1 m
10.8
3.1 dia.
2.5
2.5
5.3
2
2
3.1 dia. mounting holes
*E2S-Q21#
E2S-Q22#
E2S-Q23#
E2S-Q24#
E2S-Q25#
E2S-Q26#
Operation indicator (orange)
Operation indicator (red)
Setting indicator (green)
Operation indicator (red)
Mounting Brackets
Y92E-C1R6
Mounting Holes
R1.5
2.5 2
1.5
14
5.3
2
15
17.2
20.4
5.9
8.4
2.4
R1.2
5.6
6.4
1.1
1.3 3.5
9.5
1.5
2.3
5.7 2
2.3
0.4
Two, R0.7
Two, R1.2
3
17.5
2.4 dia. screw
depth 2 min.
M3
11.3
8
Material: Stainless
steel (SUS304)
* Provided with
E2S-#1##
Mounting Holes
11.5
dia. 2.4 screw
depth 3 min.
M3 screw depth 8 min.
10.8
2.5
2.5
0.4
8.1
2.3
0.4
11.3
2
2
3.1 dia.
Mounting Brackets
Y92E-C2R5
Material: Stainless
steel (SUS304)
* Provided with
E2S-#2#
Four, R1
3.2
17.4
5
5.6
5.3
3.2
7
5
3
3
1
Two, R1.6
R1.6
12
Two, M3
Mounting Holes
0.3
0.9
Mounting Brackets
Y92E-D1R6
Material: Stainless
steel (SUS304)
22.4
3.2
1
7
8
7.8
16
Two, R1.6
Four, R1
3.2
5
17
Two, M3
Mounting Holes
0.2
R1.6
Mounting Brackets
Y92E-D2R5
Material: Stainless
steel (SUS304)
F502-EN2-04.book Seite 67 Dienstag, 26. Juli 2005 5:48 17



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com