Electronic Components Datasheet Search
  English  ▼

X  

E2S Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E2S
Description  Miniature Square Inductive Proximity Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2S Datasheet(HTML) 1 Page - Omron Electronics LLC

  E2S Datasheet HTML 1Page - Omron Electronics LLC E2S Datasheet HTML 2Page - Omron Electronics LLC E2S Datasheet HTML 3Page - Omron Electronics LLC E2S Datasheet HTML 4Page - Omron Electronics LLC E2S Datasheet HTML 5Page - Omron Electronics LLC E2S Datasheet HTML 6Page - Omron Electronics LLC E2S Datasheet HTML 7Page - Omron Electronics LLC E2S Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
D-61
E2S
Miniature Square Inductive Proximity Sensor
E2S
• Miniature housing with long sensing ranges
• Front ans side facing sensing surfaces
Features
The 5.5 mm x 5.5 mm type permits smaller, space-saving ma-
chines and devices.
Full sealing structure housing, degree of protection IEC60529 IP67.
Significantly lower current consumption. The 0.8 mA (for 24
VDC) leakage current for the DC 2-wire type has a ratio of ap-
proximately 1/20 compared to the conventional DC 3-wire
type. Optimum solution for multiple-sensor applications such
as cam switches.
5.5 mm
Adopted for more compact machines and devices.
5.5mm
1 kHz
IP67
1/20
Ultra small housing
High-Speed Response
Environment-Resistant Types
Low Current Consumption (Com-
pared to conventional models)
F502-EN2-04.book Seite 61 Dienstag, 26. Juli 2005 5:48 17


Similar Part No. - E2S

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
E2S ECLIPTEK-E2S Datasheet
108Kb / 2P
CRYSTAL
logo
Ashcroft, Inc.
E2S ASHCROFT-E2S Datasheet
2Mb / 8P
E2S Intrinsically Safe Pressure Transducer
RevI_10-24-24
logo
Omron Electronics LLC
E2S OMRON-E2S Datasheet
610Kb / 10P
Super-compact Proximity Sensor
08/10
E2S-Q11 OMRON-E2S-Q11 Datasheet
610Kb / 10P
Super-compact Proximity Sensor
08/10
E2S-Q11 1M OMRON-E2S-Q11 1M Datasheet
610Kb / 10P
Super-compact Proximity Sensor
08/10
More results

Similar Description - E2S

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
AMG-SM101 ALPHA-MICRO-AMG-SM101 Datasheet
690Kb / 17P
Inductive Proximity Sensor IC
logo
Omron Electronics LLC
E2Q2--N20E3-U OMRON-E2Q2--N20E3-U Datasheet
192Kb / 8P
Inductive Proximity Sensor
logo
Panasonic Semiconductor
GX-MK12A-P PANASONIC-GX-MK12A-P Datasheet
466Kb / 8P
Cylindrical Inductive Proximity Sensor
logo
SICK AG
IME30-15BDSZY2K SICK-IME30-15BDSZY2K Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSOR
logo
celduc-relais
PAB10020 CELDUC-PAB10020 Datasheet
294Kb / 2P
MINIATURE STANDARD PROXIMITY SENSOR
logo
FOTEK CONTROLS CO., LTD...
LS-02N FOTEK-LS-02N Datasheet
1Mb / 6P
Inductive proximity sensor
PT04-01N FOTEK-PT04-01N Datasheet
1Mb / 8P
Inductive proximity sensor
logo
Panasonic Semiconductor
GS-3S PANASONIC-GS-3S Datasheet
301Kb / 4P
Compact Inductive Proximity Sensor
GA-311 PANASONIC-GA-311 Datasheet
591Kb / 8P
Compact Inductive Proximity Sensor
logo
ams AG
TMD2635 AMSCO-TMD2635 Datasheet
709Kb / 47P
Miniature Proximity Sensor Module
2020-Aug-25
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com