Electronic Components Datasheet Search
  English  ▼

X  

E2S Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E2S
Description  Miniature Square Inductive Proximity Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2S Datasheet(HTML) 3 Page - Omron Electronics LLC

  E2S Datasheet HTML 1Page - Omron Electronics LLC E2S Datasheet HTML 2Page - Omron Electronics LLC E2S Datasheet HTML 3Page - Omron Electronics LLC E2S Datasheet HTML 4Page - Omron Electronics LLC E2S Datasheet HTML 5Page - Omron Electronics LLC E2S Datasheet HTML 6Page - Omron Electronics LLC E2S Datasheet HTML 7Page - Omron Electronics LLC E2S Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
D-63
E2S
Rating/Performance
DC 2-wire Models
* The response frequencies for DC switching are average values measured under the condition that the distance between each sensing object is twice as large as the
size of the sensing object and the sensing distance set is half of the maximum sensing distance.
DC 3-wire Models
* The response frequencies for DC switching are average values measured under the condition that the distance between each sensing object is twice as large as the
size of the sensing object and the sensing distance set is half of the maximum sensing distance.
Model
E2S-W11
E2S-W12
E2S-Q11
E2S-Q12
E2S-W21
E2S-W22
E2S-Q21
E2S-Q22
Item
Sensing surface
Front face
End face
Front face
End face
Sensing distance
1.6 mm ±10%
2.5 mm ±15%
Setting distance
0 to 1.2 mm
0 to 1.9 mm
Differential distance
10% max.
Sensing object
Ferrous metal (Sensitivity lowers with non-ferrous metals)
Standard sensing
object
Iron, 12 x 12 x 1 mm
Iron, 15 x 15 x 1 mm
Response frequency
1 kHz min.
Rated supply voltage
(operating voltage)
12 to 24 VDC (10 to 30 VDC), ripple (p-p): 10% max.
Leakage current
0.8 mA max.
Control
output
Switching
capacity
3 to 50 mA DC max.
Residual
voltage
3 V max. (under load current of 50 mA with cable length of 1 m)
Indicator lamp
##1 models: Operation indicator(red LED), Operation set indicator(green LED)
##2 models: Operation indicator(red LED)
Operating status
(with sensing object
approaching)
##1 models: NO
##2 models: NC
Model
E2S-W13
E2S-W14
E2S-Q13
E2S-Q14
E2S-W23
E2S-W24
E2S-Q23
E2S-Q24
E2S-W15
E2S-W16
E2S-Q15
E2S-Q16
E2S-W25
E2S-W26
E2S-Q25
E2S-Q26
Item
Sensing surface
Front face
End face
Front face
End face
Front face
End face
Front face
End face
Sensing distance
1.6 mm ±10%
2.5 mm ±15%
1.6 mm ±10%
2.5 mm ±15%
Setting distance
0 to 1.2 mm
0 to 1.9 mm
0 to 1.2 mm
0 to 1.9 mm
Differential distance
10% max.
Sensing object
Ferrous metal
Standard sensing
object
Iron, 12 x 12 x 1 mm
Iron, 15 x 15 x 1 mm
Iron, 12 x 12 x 1 mm
Iron, 15 x 15 x 1 mm
Response frequency
1 kHz min.
Rated supply voltage
(operating voltage)
12 to 24 VDC (10 to 30 VDC), ripple (p-p): 10% max.
Current consumption
13 mA max. (24 VDC, unload)
Control
output
Switching
capacity
NPN open collector 100 mA max. (30 VDC max.)
PNP open collector 50 mA max. (30 VDC max.)
Residual
voltage
1 V max. (under load current of 50 mA with cable length of 1 m)
Indicator lamp
Operation indicator (orange)
Operating status
(with sensing object
approaching)
##3 models: NO
##4 models: NC
##5 models: NO
##6 models: NC
F502-EN2-04.book Seite 63 Dienstag, 26. Juli 2005 5:48 17



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com