Electronic Components Datasheet Search
  English  ▼

X  

E2S Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E2S
Description  Miniature Square Inductive Proximity Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2S Datasheet(HTML) 5 Page - Omron Electronics LLC

  E2S Datasheet HTML 1Page - Omron Electronics LLC E2S Datasheet HTML 2Page - Omron Electronics LLC E2S Datasheet HTML 3Page - Omron Electronics LLC E2S Datasheet HTML 4Page - Omron Electronics LLC E2S Datasheet HTML 5Page - Omron Electronics LLC E2S Datasheet HTML 6Page - Omron Electronics LLC E2S Datasheet HTML 7Page - Omron Electronics LLC E2S Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
D-65
E2S
Output Circuit Diagram
DC 2-wire Models
DC 3-wire Models
Operating
status
Model
Timing chart
Output circuit
NO
E2S-W11
E2S-W21
E2S-Q11
E2S-Q21
NC
E2S-W12
E2S-W22
E2S-Q12
E2S-Q22
Operating
status
Output
specifications
Model
Timing chart
Output circuit
NO
NPN
E2S-W13
E2S-W23
E2S-Q13
E2S-Q23
NC
E2S-W14
E2S-W24
E2S-Q14
E2S-Q24
NO
PNP
E2S-W15
E2S-W25
E2S-Q15
E2S-Q25
NC
E2S-W16
E2S-W26
E2S-Q16
E2S-Q26
Sensing
object
Rated sensing
distance
(%)
100
0
80
Stable sensing zone
Non-sensing zone
Unstable
Sensing
zone
Setting position
Proximity Sensor
ON
OFF
ON
OFF
ON
OFF
Setting indicator (green)
Operation indicator (red)
Control output
Load
Brown
Blue
Main
circuit
+V
0V
100
0
Sensing
object
(%)
Sensing zone
Non-sensing zone
Non-sensing
zone
Proximity Sensor
ON
OFF
ON
OFF
Operation indicator (red)
Control output
Yes
No
ON
OFF
ON
OFF
Sensing object
Operation indicator (orange)
Output transistor (load)
Load
Brown
Black
Output
Blue
Main
circuit
+V
0V
* Maximum load current: 50 mA
*
Output transistor (load)
Yes
No
ON
OFF
ON
OFF
Sensing object
Operation indicator (orange)
Yes
No
ON
OFF
ON
OFF
Output transistor (load)
Sensing object
Operation indicator (orange)
Load
Brown
Black
Blue
Main
circuit
+V
0V
* Maximum load current: 50 mA
*
Output transistor (load)
Yes
No
ON
OFF
ON
OFF
Sensing object
Operation indicator (orange)
F502-EN2-04.book Seite 65 Dienstag, 26. Juli 2005 5:48 17



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com