Electronic Components Datasheet Search
  English  ▼

X  

DP190 Datasheet(PDF) 4 Page - 3M Electronics

Part # DP190
Description  Scotch-WeldTM Epoxy Adhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP190 Datasheet(HTML) 4 Page - 3M Electronics

  DP190 Datasheet HTML 1Page - 3M Electronics DP190 Datasheet HTML 2Page - 3M Electronics DP190 Datasheet HTML 3Page - 3M Electronics DP190 Datasheet HTML 4Page - 3M Electronics DP190 Datasheet HTML 5Page - 3M Electronics DP190 Datasheet HTML 6Page - 3M Electronics DP190 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3MScotch-Weld
Epoxy Adhesives
DP190 Translucent and Grey
Typical Adhesive
Performance
Characteristics
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Environmental Aging
(OLS on Etched Aluminum)12 Bonds tested after:
Footnotes:
12. Overlap shear (OLS) strengths
were measured on 1 in. wide 1/2
in. overlap specimens. These
bonds were made individually
using 1 in. x 4 in. pieces of
substrate. The thickness of the
bond line was 0.005-0.008 in. All
strengths were measured at
21°C (70°F) except were noted.
(Test per ASTM D 1002-72.)
The separation rate of the testing
jaws was 0.1 in. per minute for
metals, 2 in. perminute for plastics
and 20 in. per minute for rubbers.
The thickness of the substrates
were: steel, 0.060 in.; other
metals, 0.05-0.064 in.; rubber,
0.125 in.; plastics, 0.125 in.
13. Solvent resistance was determined
using cured (24 hrs RT + 2 hrs
71°C [160°F] samples (1/2 in. x 4
in. x 1/8 in. thickness) immersed in
the test solvent for 1 hour and 1
month. After the allotted period of
time the sample was removed and
visually examined for surface
attack as compared to the control.
Overlap Shear Strength vs Temperature12
(Bonds cured 24 hr @ RT + 2 hrs @71°C [160°F]) Bonds tested at:
180°F Peel Strength vs Temperature12
(Bonds cured 24 hr @ RT + 4 hrs @71°C [160°F]) Bonds tested at:
Solvent Resistance13
One Hour/One Month
One Hour/One Month
- 4 -
3M™ Scotch-Weld™ Epoxy
Adhesive DP190 Translucent
3M™ Scotch-Weld™ Epoxy
Adhesive DP190 Grey
Acetone
A/A
A/A
Isopropyl Alcohol
A/A
A/A
Freon TF
A/A
A/A
Freon TMC
A/B
A/A
1,1,1-Trichlorethane
A/A
A/A
RMA Flux
A/A
A/A
Key: A - Unaffected, B - Slight Attack, C - Moderate/Severe Attack
3M™ Scotch-Weld™ Epoxy
Adhesive DP190 Translucent
3M™ Scotch-Weld™ Epoxy
Adhesive DP190 Grey
-55°C (-67°F)
3 piw
3 piw
21°C (70°F)
20 piw
20 piw
49°C (120°F)
3 piw
10 piw
66°C (150°F)
2 piw
4 piw
82°C (180°F)
1 piw
2 piw
3M™ Scotch-Weld™ Epoxy
Adhesive DP190 Translucent
3M™ Scotch-Weld™ Epoxy
Adhesive DP190 Grey
-55°C (-67°F)
3500 psi
1500 psi
21°C (70°F)
1200 psi
2500 psi
49°C (120°F)
290 psi
1000 psi
66°C (150°F)
200 psi
600 psi
82°C (180°F)
160 psi
400 psi
3M™ Scotch-Weld™
Epoxy Adhesive DP190
Translucent
3M™ Scotch-Weld™
Epoxy Adhesive DP190
Grey
24 hrs RT + 2 hrs @ 71°C (160°F)
1700 psi
2500 psi
24 hrs RT + 2 hrs @ 115°C (240°F)
3200 psi
3000 psi
1 wk RT + wk @ 90°F/90% RH
1400 psi
2400 psi
1 wk RT + 1 wk 248°F (120°C)
3500 psi
3500 psi
1 wk RT + 1 wk H2O Immersion
1700 psi
2500 psi



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com